Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ICS1522 Fiches technique(PDF) 6 Page - Integrated Circuit Systems

No de pièce ICS1522
Description  User-Programmable Video Clock Generator/ Line-Locked Clock Regenerator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ICST [Integrated Circuit Systems]
Site Internet  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS1522 Fiches technique(HTML) 6 Page - Integrated Circuit Systems

Back Button ICS1522 Datasheet HTML 2Page - Integrated Circuit Systems ICS1522 Datasheet HTML 3Page - Integrated Circuit Systems ICS1522 Datasheet HTML 4Page - Integrated Circuit Systems ICS1522 Datasheet HTML 5Page - Integrated Circuit Systems ICS1522 Datasheet HTML 6Page - Integrated Circuit Systems ICS1522 Datasheet HTML 7Page - Integrated Circuit Systems ICS1522 Datasheet HTML 8Page - Integrated Circuit Systems ICS1522 Datasheet HTML 9Page - Integrated Circuit Systems ICS1522 Datasheet HTML 10Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
6
ICS1522
REG#
BIT(S)
BIT REF.
DESCRIPTION
4
3-5
PFD (0;2)
Phase Frequency Detector Gain
4
6
PDEN
Phase Frequency Detector Enable
(Default=1) 0=PFD Disable; 1=PFD Enable
4
7
INT_FLT
Loop Filter Select (Default=1)
0=External Loop Filter (IPUMP & VVCO active)
1=Internal Loop Filter
4
8
INT_VCO
VCO Select (Default=1)
0=External VCO (EXTVCO active)
1=Internal VCO
4
9
CLK_SEL
Feedback Divider Clock Input Select (Default=0)
0=VCO; 1=OUT1
4
1 0
RESERVED
Must be set to one.
5
0
FBK_SEL
Feedback Select (Default=1)
0=External Feedback (EXTFBK active)
1=Internal Feedback An active external feedback signal at EXTFBK
is necessary to synchronously switch to internal.
5
1
FBK_POL
External Feedback Polarity (Default=0)
0=Positive Edge; 1=Negative Edge
5
2
ADD
Addition of 1 VCO Cycle (Default=0)
Toggle (0 to 1 to 0) to add 1 VCO cycle.
5
3
SWLW
Removal of 1 VCO Cycle (Default=0)
Toggle (0 to 1 to 0) to remove 1 VCO cycle.
PFD(2)
PFD(1)
PFD(0)
PFD GAIN
FINE PHASE
ADJ.
0
0
0
.2344uA/2
Πrad
3ns/V
0
0
1
.9375uA/2
Πrad
3ns/V
0
1
0
3.750uA/2
Πrad
3ns/V
0
1
1
15.00uA/2
Πrad
3ns/V
1
0
0
1.875uA/2
Πrad
6ns/V
1
0
1
7.500uA/2
Πrad
6ns/V
1
1
0
30.00uA/2
Πrad
1.5ns/V
1
1
1
120.0uA/2
Πrad
.375ns/V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13