Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STAC9707 Fiches technique(PDF) 33 Page - Hynix Semiconductor

No de pièce STAC9707
Description  Multimedia Audio Codec for AC97
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  HYNIX [Hynix Semiconductor]
Site Internet  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

STAC9707 Fiches technique(HTML) 33 Page - Hynix Semiconductor

Back Button STAC9707 Datasheet HTML 29Page - Hynix Semiconductor STAC9707 Datasheet HTML 30Page - Hynix Semiconductor STAC9707 Datasheet HTML 31Page - Hynix Semiconductor STAC9707 Datasheet HTML 32Page - Hynix Semiconductor STAC9707 Datasheet HTML 33Page - Hynix Semiconductor STAC9707 Datasheet HTML 34Page - Hynix Semiconductor STAC9707 Datasheet HTML 35Page - Hynix Semiconductor STAC9707 Datasheet HTML 36Page - Hynix Semiconductor STAC9707 Datasheet HTML 37Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 49 page
background image
SigmaTel, Inc.
STAC9704/7
33
10/02/98
6. TESTABILITY
The STAC9704/7 has two test modes. One is for ATE in-circuit test and the other is restricted for SigmaTel’s
internal use.
STAC9704/7 enters the ATE in circuit test mode if SDATA_OUT is sampled high at the trailing
edge of RESET#.
Once in the ATE test mode, the digital AC-link outputs (BIT_CLK and SDATA_IN) are
driven to a high impedance state. This allows ATE in-circuit testing of the AC’97 controller. This case will
never occur during standard operating conditions. Once either of the two test modes have been entered, the
STAC9704/7 must be issued another rest with all AC-link signals held low to return to the normal operating
mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49