Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STAC9707 Fiches technique(PDF) 21 Page - Hynix Semiconductor

No de pièce STAC9707
Description  Multimedia Audio Codec for AC97
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  HYNIX [Hynix Semiconductor]
Site Internet  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

STAC9707 Fiches technique(HTML) 21 Page - Hynix Semiconductor

Back Button STAC9707 Datasheet HTML 17Page - Hynix Semiconductor STAC9707 Datasheet HTML 18Page - Hynix Semiconductor STAC9707 Datasheet HTML 19Page - Hynix Semiconductor STAC9707 Datasheet HTML 20Page - Hynix Semiconductor STAC9707 Datasheet HTML 21Page - Hynix Semiconductor STAC9707 Datasheet HTML 22Page - Hynix Semiconductor STAC9707 Datasheet HTML 23Page - Hynix Semiconductor STAC9707 Datasheet HTML 24Page - Hynix Semiconductor STAC9707 Datasheet HTML 25Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 49 page
background image
SigmaTel, Inc.
STAC9704/7
21
10/02/98
Cold Reset - a cold reset is achieved by asserting RESET# for the minimum specified time. By driving
RESET# low, BIT_CLK, and SDATA_IN will be activated, or re-activated as the case may be, and all
STAC9704/7 control registers will be initialized to their default power on reset values.
Note: RESET# is an asynchronous input.
# denotes active low
Warm Reset - a warm reset will re-activate the AC-link without altering the current STAC9704/7
register values. A warm reset is signaled by driving SYNC high for a minimum of 1 us in the absence
of BIT_CLK.
Note: Within normal audio frames, SYNC is a synchronous input. However, in the absence
of BIT_CLK, SYNC is treated as an asynchronous input used in the generation of a warm
reset to the STAC9704/7.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49