Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HDM8513 Fiches technique(PDF) 5 Page - Hynix Semiconductor

No de pièce HDM8513
Description  DVB/DSS Compliant Receiver
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  HYNIX [Hynix Semiconductor]
Site Internet  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HDM8513 Fiches technique(HTML) 5 Page - Hynix Semiconductor

  HDM8513 Datasheet HTML 1Page - Hynix Semiconductor HDM8513 Datasheet HTML 2Page - Hynix Semiconductor HDM8513 Datasheet HTML 3Page - Hynix Semiconductor HDM8513 Datasheet HTML 4Page - Hynix Semiconductor HDM8513 Datasheet HTML 5Page - Hynix Semiconductor HDM8513 Datasheet HTML 6Page - Hynix Semiconductor HDM8513 Datasheet HTML 7Page - Hynix Semiconductor HDM8513 Datasheet HTML 8Page - Hynix Semiconductor HDM8513 Datasheet HTML 9Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 67 page
background image
5
FIGURE 7: MOTOROLA READ TIMING DIAGRAM....................................................................................................14
FIGURE 8: MOTOROLA WRITE TIMING DIAGRAM.................................................................................................15
FIGURE 9: OUTPUT TIMING DIAGRAM FOR NORMAL PARALLEL....................................................................... 16
FIGURE 10: OUTPUT TIMING DIAGRAM FOR NORMAL SERIAL ...........................................................................16
FIGURE 11: OUTPUT TIMING DIAGRAM FOR REGULATED PARALLEL............................................................... 17
FIGURE 12: OUTPUT TIMING DIAGRAM FOR REGULATED SERIAL MODE1.......................................................17
FIGURE 13: OUTPUT TIMING DIAGRAM FOR REGULATED SERIAL MODE2.......................................................17
FIGURE 14: ADC BLOCK DIAGRAM............................................................................................................................ 19
FIGURE 15: DEMODULATOR BLOCK DIAGRAM....................................................................................................... 20
FIGURE 16: NOISE MEASUREMENT CIRCUIT ...........................................................................................................22
FIGURE 17: NOISE ACCUMULATOR AS A FUNCTION OF SNR AND TIME............................................................ 23
FIGURE 18: VITERBI DECODER...................................................................................................................................24
FIGURE 19: REED SOLOMON DECODER.................................................................................................................... 28
FIGURE 20: CLOCK SIGNAL GENERATION................................................................................................................29
FIGURE 21: TYPICAL SET TOP BOX DEMODULATOR............................................................................................ 30
FIGURE 22: MECHANICAL CONFIGURATION ...........................................................................................................32
FIGURE 23: MECHANICAL CONFIGURATION ...........................................................................................................34
FIGURE 24: A NALOG PIN CONNECTION.................................................................................................................... 35
FIGURE 25: CLOCK GENERATION CIRCUIT ..........................................................................................................35
FIGURE 26: I2C WRITE TO THE HDM8513A ...........................................................................................................40
FIGURE 27: I2C READ FROM THE HDM8513A ......................................................................................................... 41
FIGURE A1: SYMBOL TIMING RECOVERY TRANSIENT RESPONSE....................................................................... 59
FIGURE A2: CARRIER PHASE RECOVERY TRANSIENT RESPONSE ........................................................................ 60
FIGURE A3: CARRIERPHASE RECOVERY TRANSIENT RESPONSE WITH LOW SNR ..........................................61
FIGURE A4: ADJACENT CHANNEL INTERFERENCE OF 10 DB, 1.35 SPACING.................................................... 64
FIGURE A5: PERFORMANCE WITH INTERFERER AT DIFFERENT CARRIER SPACINGS .....................................65
FIGURE A6: PERFORMANCE WITH +10 DB INTERFERER......................................................................................66
LIST OF TABLES
TABLE 1: ABSOLUTE MAXIMUM RATINGS ...............................................................................................................8
TABLE 2: DC CHARACTERISTICS.................................................................................................................................8
TABLE 3: DEMODULATOR SPECIFICATIONS.............................................................................................................9
TABLE 4: AC CHARACTERISTICS.................................................................................................................................9
TABLE 5: INTEL 80C88A READ CYCLE TIMING PARAMETERS (BUSMODE = 1)................................................10
TABLE 6: INTEL 80C88A WRITE CYCLE TIMING PARAMETERS (BUSMODE = 1) .............................................11
TABLE 7: INTEL 8051 READ CYCLE TIMING PARAMETERS (BUSMODE = 1)......................................................12
TABLE 8: INTEL 8051 WRITE CYCLE TIMING PARAMETERS (BUSMODE = 1)................................................... 13
TABLE 9: MOTOROLA READ CYCLE TIMING PARAMETERS (BUSMODE =0).................................................... 14
TABLE 10: MOTOROLA WRITE CYCLE TIMING PARAMETERS (BUSMODE =0).................................................15
TABLE 11: OUTPUT TIMING....................................................................................................................................... 16
TABLE 12: EXAMPLE OF ACQUISITION TIMING.....................................................................................................26
TABLE 13: I2C SLAVE ADDRESS..................................................................................................................................41



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67