Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

GMS81032 Fiches technique(PDF) 71 Page - Hynix Semiconductor

No de pièce GMS81032
Description  8-BIT SINGLE CHIP MICROCOMPUTERS
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  HYNIX [Hynix Semiconductor]
Site Internet  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GMS81032 Fiches technique(HTML) 71 Page - Hynix Semiconductor

Back Button GMS81032 Datasheet HTML 67Page - Hynix Semiconductor GMS81032 Datasheet HTML 68Page - Hynix Semiconductor GMS81032 Datasheet HTML 69Page - Hynix Semiconductor GMS81032 Datasheet HTML 70Page - Hynix Semiconductor GMS81032 Datasheet HTML 71Page - Hynix Semiconductor GMS81032 Datasheet HTML 72Page - Hynix Semiconductor GMS81032 Datasheet HTML 73Page - Hynix Semiconductor GMS81032 Datasheet HTML 74Page - Hynix Semiconductor GMS81032 Datasheet HTML 75Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 101 page
background image
5 - 6
5.4 INTERRUPT PROCESSING SEQUENCE
When an interrupt is accepted, the on-going process is stopped and the interrupt service
routine is executed. After the interrupt service routine is completed it is necessary to
restore everything to the state before the interrupt occured.
As soon as an interrupt is accepted, the content of the program counter and PSW are
saved in the stack area.
At the same time, the content of the vector address corresponding to the accepted
interrupt, which is in the interrupt vector table, enters into the program counter and
interrupt service is executed. In order to execute the interrupt service routine, it is
necessary to write the jump addresses in the vector table (FFEOH-FFFFH)
corresponding to each interrupt
Interrupt Processing Step
1) Store upper byte of Program Counter, SP ¡ç SP
2) Store lower byte of Program Counter, SP ¡ç SP - 1
3) Store Program Status Word, SP ¡ç SP - 2
4) After resetting of I-flag, clear accepted Interrupt
Request Flag.(Set B-flag for BRK Instruction)
5) Call Interrupt service routine
Chapter 5. Interrupt



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More