| Moteur de recherche de fiches techniques de composants électroniques |
|
GMS81032 Fiches technique(PDF) 55 Page - Hynix Semiconductor |
|
|
|||||||||||||||||||||||||||||
GMS81032 Fiches technique(HTML) 55 Page - Hynix Semiconductor |
|
55 / 101 page ![]() 4 - 17 TM01 R/W <00DAH> 7 0 T0UT1 T0UT0 TOUT LOGIC 0 0 1 1 0 1 0 1 AND of T0 OUTPUT and T1 OUTPUT NAND of T0 OUTPUT and T1 OUTPUT OR of T0 OUTPUT and T1 OUTPUT NOR of T0 OUTPUT and T1 OUTPUT T1INIT Timer1 Output Initial Value 0 1 Timer1 Output Low Timer1 Output HIgh TOUTS TOUTB - T0OUTP T0INIT T1INIT TOUT1 TPIT0 T0INIT Timer0 Output Initial Value 0 1 Timer0 Output Low Timer0 Output High T0OUTP T0OUTPolarity Selection 0 1 T0OUT Polarity Equal to TOUT Logic Input Signal T0OUT Polarity Reverse to TOUT Logic Input Signal TOUTB REMOUT Port Bit Control 0 1 REMOUT Output Low REMOUT Output High TOUTS REMOUT Port Output Selection (TOUT Logic or TOUTB) 0 1 Bit(TOUTB) Output Through REMOUT TOUT Logic Output Through REMOUT Timer0/Timer1 mode Register Chapter 4. Peripheral Hardware |