Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

GMS36 Fiches technique(PDF) 42 Page - Hynix Semiconductor

No de pièce GMS36
Description  4-BIT SINGLE CHIP MICROCOMPUTERS
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  HYNIX [Hynix Semiconductor]
Site Internet  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GMS36 Fiches technique(HTML) 42 Page - Hynix Semiconductor

Back Button GMS36 Datasheet HTML 38Page - Hynix Semiconductor GMS36 Datasheet HTML 39Page - Hynix Semiconductor GMS36 Datasheet HTML 40Page - Hynix Semiconductor GMS36 Datasheet HTML 41Page - Hynix Semiconductor GMS36 Datasheet HTML 42Page - Hynix Semiconductor GMS36 Datasheet HTML 43Page - Hynix Semiconductor GMS36 Datasheet HTML 44Page - Hynix Semiconductor GMS36 Datasheet HTML 45Page - Hynix Semiconductor GMS36 Datasheet HTML 46Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 109 page
background image
4-9
[Y[
[Y]
[Y_
[Ya
[Yc
\Y[
\Y]
\Y_
\Ya
\Yc
]Y[
]Y]
]Y_
]Ya
]Yc
^Y[
X][Š
X\[Š
[Š
\[Š
][Š
^[Š
_[Š
`[Š
a[Š
b[Š
˜›ŒŸ  SŠT
w𢠁 š—ŸŒ’ oŸŽŸ”𙠁 š—ŸŒ’
x”™Yz›ŒŸ”™’  š—ŸŒ’ š‘ n{€W }zx
Built-in Low VDD Detection Circuit
GMS36/37XXX has a Low VDD detection circuit.
If VDD become Reset Voltage of Low VDD Detection circuit at active status, system
reset occur and WDT is cleared. After VDD is increased upper Reset Voltage again,
WDT is re-counted and if WDT is overflowed, system reset is released.
Fig. 4-5 Low Voltage Detection diagram
Fig. 4-6 Low Voltage vs Temperature
VDD
Reset Voltage
Internal
RESETB
About 108msec at fosc =455kHz
Chapter 4. FUNCTIONAL DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More