| Moteur de recherche de fiches techniques de composants électroniques |
|
GMS36 Fiches technique(PDF) 40 Page - Hynix Semiconductor |
|
|
|||||||||||||||||||||||||||||
GMS36 Fiches technique(HTML) 40 Page - Hynix Semiconductor |
|
40 / 109 page ![]() 4-7 Pulse Generator The following frequency and duty ratio are selected for carrier signal outputted from the REMOUT port depending on a PMR (Pulse Mode Register) value set in a program. T T1 * Default value is "0" * [ ] means the value of "T", when Instruction cycle is f OSC/48 in MHz version Table 4-2 PMR selection table REMOUT signal T=1/f PUL = 12/fOSC [96/fOSC], T1/T = 1/2 0 1 PMR 2 3 4 5 T=1/f PUL = 12/fOSC [96/fOSC], T1/T = 1/3 T=1/f PUL = 8/fOSC [64/fOSC], T1/T = 1/2 T=1/f PUL = 8/fOSC [64/fOSC], T1/T = 1/4 T=1/f PUL = 11/fOSC [88/fOSC], T1/T = 4/11 No Pulse (same to D0 ~ D9) 6T=1/f PUL = 12/fOSC [96/fOSC], T1/T = 1/4 7 No pulse (same to D0 ~ D9) Chapter 4. FUNCTIONAL DESCRIPTION |