Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FLI5968 Fiches technique(PDF) 5 Page - STMicroelectronics

No de pièce FLI5968
Description  Multi-function LCD monitor controllers up to WUXGA
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

FLI5968 Fiches technique(HTML) 5 Page - STMicroelectronics

  FLI5968 Datasheet HTML 1Page - STMicroelectronics FLI5968 Datasheet HTML 2Page - STMicroelectronics FLI5968 Datasheet HTML 3Page - STMicroelectronics FLI5968 Datasheet HTML 4Page - STMicroelectronics FLI5968 Datasheet HTML 5Page - STMicroelectronics FLI5968 Datasheet HTML 6Page - STMicroelectronics FLI5968 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
FLI5962, FLI5962H, FLI5968H, FLI5928H
Ordering information
Doc ID 15018 Rev 2
5/7
3
Ordering information
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK® is an ST trademark.
Table 1.
Order codes
Part number
Description
FLI5962-LF-AA
256-pin PQFP
FLI5962H-LF-AA
256-pin PQFP
FLI5928H-LF-AA
256-pin PQFP
FLI5968H-LF-AA
256-pin PQFP



Html Pages

1 2 3 4 5 6 7