Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FLI5968 Fiches technique(PDF) 4 Page - STMicroelectronics

No de pièce FLI5968
Description  Multi-function LCD monitor controllers up to WUXGA
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

FLI5968 Fiches technique(HTML) 4 Page - STMicroelectronics

  FLI5968 Datasheet HTML 1Page - STMicroelectronics FLI5968 Datasheet HTML 2Page - STMicroelectronics FLI5968 Datasheet HTML 3Page - STMicroelectronics FLI5968 Datasheet HTML 4Page - STMicroelectronics FLI5968 Datasheet HTML 5Page - STMicroelectronics FLI5968 Datasheet HTML 6Page - STMicroelectronics FLI5968 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Feature attributes
FLI5962, FLI5962H, FLI5968H, FLI5928H
4/7
Doc ID 15018 Rev 2
●
Output support up to WUXGA 60 Hz
–
Dual-channel LVDS transmitters with pin swap for flexibility in PCB layout
–
Optional 24-bit TTL output
●
System-on-chip integration for lower BOM
–
On-chip reset circuit with integrated Schmitt trigger for HSYNC and VSYNC
–
Embedded x86 MCU with serial interface
–
General-purpose low-bandwidth ADC
–
Integrated gamma and 3x3 LUT for sRGB compliance
–
ESM® and boundary scan support



Html Pages

1 2 3 4 5 6 7