Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PS1550 Fiches technique(PDF) 1 Page - MAKO SEMICONDUCTOR CO.,LIMITED

No de pièce PS1550
Description  High current capability, low forward voltage
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MAKOSEMI [MAKO SEMICONDUCTOR CO.,LIMITED]
Site Internet  http://www.makosemi.hk/
Logo MAKOSEMI - MAKO SEMICONDUCTOR CO.,LIMITED

PS1550 Fiches technique(HTML) 1 Page - MAKO SEMICONDUCTOR CO.,LIMITED

  PS1550 Datasheet HTML 1Page - MAKO SEMICONDUCTOR CO.,LIMITED PS1550 Datasheet HTML 2Page - MAKO SEMICONDUCTOR CO.,LIMITED PS1550 Datasheet HTML 3Page - MAKO SEMICONDUCTOR CO.,LIMITED PS1550 Datasheet HTML 4Page - MAKO SEMICONDUCTOR CO.,LIMITED  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
 特征:超薄封装,体积小,超低压降等特点
 
Single pulse davalanche energy (IAS=12A, L=10mH)
EAS
RATING
SYMBOL
CHARACTERISTIC
Repetitive peak reverse voltage
FEATURES
■
High current capability, low forward voltage
■
Excellent high temperature stability
■
Low power loss, and high ef ficiency
■
High Forward Surge Capability
■
Patented package technology
APPLICATIONS
■
Switching mode power supply applications
■
Portable equipment battery applications
■
High frequency rectification
■
DC/DC Converter
■
Designed as bypass diodes for solar panels
■
ABSOLUTE MAXIMUM RATINGS (TA=25°C,unless otherwise specified)
UNIT
VRRM
50
V
mJ
Surge non repetitive forward current (8.3ms single half sine- wave)
A
Maximum DC blocking voltage
VRM
50
Averageforward current
IF(AV)
15
Tstg
-55~+150
IFSM
530
295
℃
Junction Temperature
TJ
150
0.36
■
Electrical Characteristics
Symbol
Characterisrtic
Min
Typ
Max
UNIT
Rating
TJ=125℃
0.41
0.46
0.47
--
0.41
--
0.40
IF=15A
VR=Max.VRRM
--
0.43
--
0.076
TJ=25℃
16
Reverse leakagecurrent
TJ=25℃
IR
60
VF
0.30
--
mA
V
Test Condition
Fo rward voltagedrop
--
0.33
RQJA
(1)
73
Storage Temperature
TJ=100℃
IF=10A
IF=3A
  Note: 1. FR-4 PCB, 2oz. Copper.
  Note: 2. Polymide PCB, 2oz. Copper. Cathode pad dimensions 18.8mm × 14.4mm. Anode pad dimensions 5.6mm × 14.4mm.
RQJA
(2)
31
Thermal Resistance, Junction-to-Ambiene
℃
/W
RIGHT PIN
BOTTOMSIDE
HEAT SINK
SYMBOL
Package: TO-277B (SMD)
Top View      Bottom View
LEFT PIN
1550 TO-277B
1
5A, 50V 贴片肖特基整流二极管
Low VF Schottky Rectifier SMD
4008-378-873
1
MAKO Semiconductor Co., Limited
1/4
http://
www.makosemi.hk/


Numéro de pièce similaire - PS1550

FabricantNo de pièceFiches techniqueDescription
logo
MAKO SEMICONDUCTOR CO.,...
PS1550L MAKOSEMI-PS1550L Datasheet
535Kb / 4P
High current capability, low forward voltage
logo
TDK Electronics
PS1550L40N TDK-PS1550L40N Datasheet
128Kb / 7P
Piezoelectronic Buzzers
PS1550L40N TDK-PS1550L40N Datasheet
163Kb / 8P
Pin terminal/Lead Without oscillator circuit
More results

Description similaire - PS1550

FabricantNo de pièceFiches techniqueDescription
logo
MAKO SEMICONDUCTOR CO.,...
MBR1045 MAKOSEMI-MBR1045 Datasheet
499Kb / 4P
High current capability, low forward voltage
MBR1045CT MAKOSEMI-MBR1045CT Datasheet
499Kb / 4P
High current capability, low forward voltage
MCC1045UL MAKOSEMI-MCC1045UL Datasheet
499Kb / 4P
High current capability, low forward voltage
SB1045L MAKOSEMI-SB1045L Datasheet
499Kb / 4P
High current capability, low forward voltage
SB1550L MAKOSEMI-SB1550L Datasheet
535Kb / 4P
High current capability, low forward voltage
SR1045L MAKOSEMI-SR1045L Datasheet
499Kb / 4P
High current capability, low forward voltage
MBR1045CT MAKOSEMI-MBR1045CT Datasheet
499Kb / 4P
High current capability, low forward voltage
MBR1550CT MAKOSEMI-MBR1550CT Datasheet
535Kb / 4P
High current capability, low forward voltage
SBR10U45SP5 MAKOSEMI-SBR10U45SP5 Datasheet
499Kb / 4P
High current capability, low forward voltage
SBR15U50SP5 MAKOSEMI-SBR15U50SP5 Datasheet
535Kb / 4P
High current capability, low forward voltage
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com