Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HT1622 Fiches technique(PDF) 13 Page - Holtek Semiconductor Inc

No de pièce HT1622
Description  RAM Mapping 32x8 LCD Controller for I/O xC
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  HOLTEK [Holtek Semiconductor Inc]
Site Internet  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT1622 Fiches technique(HTML) 13 Page - Holtek Semiconductor Inc

Back Button HT1622 Datasheet HTML 9Page - Holtek Semiconductor Inc HT1622 Datasheet HTML 10Page - Holtek Semiconductor Inc HT1622 Datasheet HTML 11Page - Holtek Semiconductor Inc HT1622 Datasheet HTML 12Page - Holtek Semiconductor Inc HT1622 Datasheet HTML 13Page - Holtek Semiconductor Inc HT1622 Datasheet HTML 14Page - Holtek Semiconductor Inc HT1622 Datasheet HTML 15Page - Holtek Semiconductor Inc HT1622 Datasheet HTML 16Page - Holtek Semiconductor Inc HT1622 Datasheet HTML 17Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
Command mode (command code:100)
Mode (data and command mode)
HT1622
13
April 21, 2000
DA T A
CS
WR
1
0
0C 8 C7 C6 C5 C4 C3 C2 C1 C0
C o m m and 1
C8 C7 C6 C5 C4 C3 C2 C1 C0
C o m m and i
C o m m and. . .
C o m m and
or
D a ta M o d e
RD
DA T A
CS
WR
A ddr es s and D a t a
C o m m and
or
D a ta M o d e
A ddr es s and D a t a
C o m m and
or
D a ta M o d e
A ddr es s and D a t a
C o m m and
or
D a ta M o d e



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17