Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HT1622 Fiches technique(PDF) 12 Page - Holtek Semiconductor Inc

No de pièce HT1622
Description  RAM Mapping 32x8 LCD Controller for I/O xC
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  HOLTEK [Holtek Semiconductor Inc]
Site Internet  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT1622 Fiches technique(HTML) 12 Page - Holtek Semiconductor Inc

Back Button HT1622 Datasheet HTML 8Page - Holtek Semiconductor Inc HT1622 Datasheet HTML 9Page - Holtek Semiconductor Inc HT1622 Datasheet HTML 10Page - Holtek Semiconductor Inc HT1622 Datasheet HTML 11Page - Holtek Semiconductor Inc HT1622 Datasheet HTML 12Page - Holtek Semiconductor Inc HT1622 Datasheet HTML 13Page - Holtek Semiconductor Inc HT1622 Datasheet HTML 14Page - Holtek Semiconductor Inc HT1622 Datasheet HTML 15Page - Holtek Semiconductor Inc HT1622 Datasheet HTML 16Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
READ-MODIFY-WRITE mode (command code:101)
EAD-MODIFY-WRITE mode (successive address accessing)
HT1622
12
April 21, 2000
DA T A
CS
WR
1
0
1A 5 A4 A3 A2 A1 A0 D0 D1 D2 D3
M e m o r y A ddr es s 1 ( M A 1 ) D at a ( M A 1 )
A5 A4 A3 A2 A1 A0 D0 D1 D2 D3
M e m o r y A ddr es s 2 ( M A 2 ) D at a ( M A 2 )
1
0
1
RD
D0 D1 D2 D3
D a ta ( M A 1 )
DA T A
CS
WR
1
0
1A 5 A4 A3 A2 A1 A0 D0 D1 D2 D3
M e m o r y A d d r e s s ( M A ) D a ta ( M A )
D0 D1 D2 D3 D0 D1 D2 D3 D0 D1 D2 D3 D0
D a ta ( M A )
D a t a ( M A + 1 ) D a ta ( M A + 1 )
RD
D1 D2 D3 D0
D a ta ( M A + 2 )



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17