Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STMPE1801 Fiches technique(PDF) 5 Page - STMicroelectronics

No de pièce STMPE1801
Description  Xpander Logic™ 18-bit enhanced port expander with keypad controller
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE1801 Fiches technique(HTML) 5 Page - STMicroelectronics

  STMPE1801 Datasheet HTML 1Page - STMicroelectronics STMPE1801 Datasheet HTML 2Page - STMicroelectronics STMPE1801 Datasheet HTML 3Page - STMicroelectronics STMPE1801 Datasheet HTML 4Page - STMicroelectronics STMPE1801 Datasheet HTML 5Page - STMicroelectronics STMPE1801 Datasheet HTML 6Page - STMicroelectronics STMPE1801 Datasheet HTML 7Page - STMicroelectronics STMPE1801 Datasheet HTML 8Page - STMicroelectronics STMPE1801 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 60 page
background image
STMPE1801
Pin settings
Doc ID 17884 Rev 3
5/60
2
Pin settings
2.1
Pin connection
Figure 2.
Pin connection (top-through view)
2.2
Pin description
RSTB
_
GPIO_14
GPIO9
GPIO2
GPIO7
GPIO15
GPIO10
NC
GPIO6
SDA
GPIO16
GPIO1
GPIO17
GPIO0
GPIO4
INTB
GND
GPIO13
GPIO8
GPIO3
VCC
GPIO11
GPIO5
SCL
GPIO12
Flip-chip CSP 25
Table 2.
Pin description
Pin number
Type
Symbol
Name and function
D4
I/O
GPIO0
GPIO0/ROW0
C4
I/O
GPIO1
GPIO1/ROW1
A4
I/O
GPIO2
GPIO2/ROW2
E5
I/O
GPIO3
GPIO3/ROW3
D5
I/O
GPIO4
GPIO4/ROW4
C5
I/O
GPIO5
GPIO5/ROW5
B5
I/O
GPIO6
GPIO6/ROW6
A5
I/O
GPIO7
GPIO7/ROW7
E4
I/O
GPIO8
GPIO8/COL0
A3
I/O
GPIO9
GPIO9/COL1
B3
I/O
GPIO10
GPIO10/COL2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60