Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STMPE1801 Fiches technique(PDF) 24 Page - STMicroelectronics

No de pièce STMPE1801
Description  Xpander Logic™ 18-bit enhanced port expander with keypad controller
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE1801 Fiches technique(HTML) 24 Page - STMicroelectronics

Back Button STMPE1801 Datasheet HTML 20Page - STMicroelectronics STMPE1801 Datasheet HTML 21Page - STMicroelectronics STMPE1801 Datasheet HTML 22Page - STMicroelectronics STMPE1801 Datasheet HTML 23Page - STMicroelectronics STMPE1801 Datasheet HTML 24Page - STMicroelectronics STMPE1801 Datasheet HTML 25Page - STMicroelectronics STMPE1801 Datasheet HTML 26Page - STMicroelectronics STMPE1801 Datasheet HTML 27Page - STMicroelectronics STMPE1801 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 60 page
background image
Interrupt system
STMPE1801
24/60
Doc ID 17884 Rev 3
9
Interrupt system
The STMPE1801 uses a highly flexible interrupt system. It allows the host system to
configure the type of system events that should result in an interrupt, and pinpoints the
source of interrupt by status registers. The INT pin can be configured as active high (a pull-
down resistor is required), or active low (a pull-up resistor is required). If INT pin is not in
use, it is necessary to pull INT pin to VCC.
Once asserted, the INT pin would de-assert when a read is done to the corresponding bit
either in the INT_STA register or INT_STA_GPIO register.
Figure 6.
Interrupt system



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60