Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HD74HC298 Fiches technique(PDF) 4 Page - Hitachi Semiconductor

No de pièce HD74HC298
Description  Quad. 2-input Multiplexers (with storage)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  HITACHI [Hitachi Semiconductor]
Site Internet  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HD74HC298 Fiches technique(HTML) 4 Page - Hitachi Semiconductor

  HD74HC298 Datasheet HTML 1Page - Hitachi Semiconductor HD74HC298 Datasheet HTML 2Page - Hitachi Semiconductor HD74HC298 Datasheet HTML 3Page - Hitachi Semiconductor HD74HC298 Datasheet HTML 4Page - Hitachi Semiconductor HD74HC298 Datasheet HTML 5Page - Hitachi Semiconductor HD74HC298 Datasheet HTML 6Page - Hitachi Semiconductor HD74HC298 Datasheet HTML 7Page - Hitachi Semiconductor HD74HC298 Datasheet HTML 8Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
HD74HC298
4
AC Characteristics (C
L = 50 pF, Input tr = tf = 6 ns)
Ta = 25
°C
Ta = –40 to
+85
°C
Item
Symbol
V
CC (V)
Min Typ Max Min
Max
Unit
Test Conditions
Propagation delay t
PLH
2.0
170 —
215
ns
Clock to Q
time
t
PHL
4.5
19
34
43
6.0
29
37
Pulse width
t
w
2.0
80
100
ns
Clock
4.5
16
10
20
6.0
14
17
Setup time
t
su
2.0
150 —
190
ns
4.5
30
16
38
6.0
26
33
Hold time
t
h
2.0
5
5
ns
4.5
5
–5
5
6.0
5
5
Output rise/fall
t
TLH
2.0
75
95
ns
time
t
THL
4.5
5
15
19
6.0
13
16
Input capacitance
Cin
5
10
10
pF



Html Pages

1 2 3 4 5 6 7 8