| Moteur de recherche de fiches techniques de composants électroniques |
|
SSFN3313 Fiches technique(PDF) 4 Page - Silikron Semiconductor Co.,LTD. |
|
|
|||||||||||||||||||||||||||||
SSFN3313 Fiches technique(HTML) 4 Page - Silikron Semiconductor Co.,LTD. |
|
4 / 5 page ![]() SSFN3313 DFN3×3-8L PACKAGE INFORMATION BOTTOM VIEW TOP VIEW COMMON DIMENSIONS(MM) PKG. W: VERY VERY THIN REF. MIN. NOM. MAX. A 0.70 0.75 0.80 A1 0.00 - 0.05 A3 0.2REF. D 2.95 3.00 3.05 E 2.95 3.00 3.05 b 0.25 0.30 0.35 L 0.30 0.40 0.50 D2 2.30 2.45 2.55 E2 2.50 1.65 1.75 SIDE VIEW e 0.65BSC NOTES: 1. Dimensions are inclusive of plating 2. Package body sizes exclude mold flash and gate burrs. Mold flash at the non-lead sides should be less than 6 mils. 3. Dimension L is measured in gauge plane. 4. Controlling dimension is millimeter, converted inch dimensions are not necessarily exact ©Silikron Semiconductor CO.,LTD. 4 http://www.silikron.com v1.0 |