Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LTC1440 Fiches technique(PDF) 5 Page - Linear Technology

No de pièce LTC1440
Description  Ultralow Power Single/Dual Comparator with Reference
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LINER [Linear Technology]
Site Internet  http://www.linear.com
Logo LINER - Linear Technology

LTC1440 Fiches technique(HTML) 5 Page - Linear Technology

  LTC1440 Datasheet HTML 1Page - Linear Technology LTC1440 Datasheet HTML 2Page - Linear Technology LTC1440 Datasheet HTML 3Page - Linear Technology LTC1440 Datasheet HTML 4Page - Linear Technology LTC1440 Datasheet HTML 5Page - Linear Technology LTC1440 Datasheet HTML 6Page - Linear Technology LTC1440 Datasheet HTML 7Page - Linear Technology LTC1440 Datasheet HTML 8Page - Linear Technology LTC1440 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5
LTC1440/LTC1441/LTC1442
144012fd
RESPONSE TIME (
µs)
–1
0
0
1
6
14
18
5
1440/1/2 G02
100
210
4
12
16
08
2
3
4
100mV
10mV
50mV
20mV
TA = 25°C
RESPONSE TIME (
µs)
–1
100
0
1
6
4
5
1440/1/2 G01
0
2
010
8
2
3
4
100mV
10mV
50mV
20mV
TA = 25°C
SUPPLY VOLTAGE (V)
0
3
5
1440/1/2 G04
12
4
160
140
120
100
80
60
40
20
0
OUT CONNECTED TO
V = GND = 0V
TYPICAL PERFOR A CE CHARACTERISTICS
Comparator Response Time vs
Input Overdrive
Comparator Short-Circuit Sink
Current vs Supply Voltage
SUPPLY VOLTAGE (V)
0
200
180
160
140
120
100
80
60
40
20
0
8
1440/1/2 G03
2
135
79
4
6
10
OUT CONNECTED TO V+
TA = 25°C
Comparator Short-Circuit Source
Current vs Supply Voltage
Comparator Response Time vs
Input Overdrive



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com