Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LTC1440 Fiches technique(PDF) 7 Page - Linear Technology

No de pièce LTC1440
Description  Ultralow Power Single/Dual Comparator with Reference
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LINER [Linear Technology]
Site Internet  http://www.linear.com
Logo LINER - Linear Technology

LTC1440 Fiches technique(HTML) 7 Page - Linear Technology

Back Button LTC1440 Datasheet HTML 3Page - Linear Technology LTC1440 Datasheet HTML 4Page - Linear Technology LTC1440 Datasheet HTML 5Page - Linear Technology LTC1440 Datasheet HTML 6Page - Linear Technology LTC1440 Datasheet HTML 7Page - Linear Technology LTC1440 Datasheet HTML 8Page - Linear Technology LTC1440 Datasheet HTML 9Page - Linear Technology LTC1440 Datasheet HTML 10Page - Linear Technology LTC1440 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
7
LTC1440/LTC1441/LTC1442
144012fd
TYPICAL PERFOR A CE CHARACTERISTICS
Comparator Output Voltage Low
vs Load Current
LTC1440/LTC1442
Hysteresis Control
VREF – VHYST (mV)
0
30
50
1440/1/2 G09
10
20
40
80
60
40
20
0
–20
–40
–60
–80
OUTPUT HIGH
OUTPUT LOW
TEMPERATURE (
°C)
–60
6
5
4
3
2
1
100
1440/1/2 G10
–20
–40
20 40
80
120
0
60
140
V+ = 5V
V= –5V
V+ = 5V
V= GND = 0V
V+ = 3V
V= GND = 0V
LTC1440
Supply Current vs Temperature
LOAD CURRENT (mA)
0
1.5
2.0
2.5
30
50
80
1440/1/2 G08
1.0
0.5
0
10
20
40
60
70
V+ = 2V
V+ = 3V
V+ = 5V
TA = 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com