| Moteur de recherche de fiches techniques de composants électroniques |
|
M24C08-RMC6TG Fiches technique(PDF) 22 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M24C08-RMC6TG Fiches technique(HTML) 22 Page - STMicroelectronics |
|
22 / 38 page ![]() DC and AC parameters M24C08-W M24C08-R M24C08-F 22/38 DocID023924 Rev 4 Figure 11. AC measurement I/O waveform Table 9. AC measurement conditions Symbol Parameter Min. Max. Unit Cbus Load capacitance 100 pF SCL input rise/fall time, SDA input fall time - 50 ns Input levels 0.2 VCC to 0.8 VCC V Input and output timing reference levels 0.3 VCC to 0.7 VCC V Table 10. Input parameters Symbol Parameter(1) 1. Characterized only, not tested in production. Test condition Min. Max. Unit CIN Input capacitance (SDA) - - 8 pF CIN Input capacitance (other pins) - - 6 pF ZL Input impedance (WC) VIN < 0.3 VCC 15 70 k Ω ZH VIN > 0.7 VCC 500 - k Ω |