Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

M24C08-RMC6TG Fiches technique(PDF) 7 Page - STMicroelectronics

No de pièce M24C08-RMC6TG
Description  8-Kbit serial I짼C bus EEPROM
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24C08-RMC6TG Fiches technique(HTML) 7 Page - STMicroelectronics

Back Button M24C08-RMC6TG Datasheet HTML 3Page - STMicroelectronics M24C08-RMC6TG Datasheet HTML 4Page - STMicroelectronics M24C08-RMC6TG Datasheet HTML 5Page - STMicroelectronics M24C08-RMC6TG Datasheet HTML 6Page - STMicroelectronics M24C08-RMC6TG Datasheet HTML 7Page - STMicroelectronics M24C08-RMC6TG Datasheet HTML 8Page - STMicroelectronics M24C08-RMC6TG Datasheet HTML 9Page - STMicroelectronics M24C08-RMC6TG Datasheet HTML 10Page - STMicroelectronics M24C08-RMC6TG Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 38 page
background image
DocID023924 Rev 4
7/38
M24C08-W M24C08-R M24C08-F
Description
37
Figure 2. 8-pin package connections, top view
1. NC: not connected.
2. See Section 9: Package mechanical data for package dimensions, and how to identify pin 1
Figure 3. WLCSP connections (top view, marking side, with balls on the underside)
1. The E2 and WC inputs are not connected to a ball, therefore E2 input is decoded as “0” (see also
Section 2.3: Chip Enable (E2)) and the device remains always accessible in Write mode (see also
Section 2.4: Write Control (WC)).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38