| Moteur de recherche de fiches techniques de composants électroniques |
|
B13 Fiches technique(PDF) 10 Page - Micrel Semiconductor |
|
|
|||||||||||||||||||||||||||||
B13 Fiches technique(HTML) 10 Page - Micrel Semiconductor |
|
10 / 14 page ![]() Micrel, Inc. SM803020 July 22, 2013 10 Revision 1.0 hbwhelp@micrel.com or (408) 955-1690 Application Information Input Reference When operating with a crystal input reference, do not apply a switching signal to a REF_IN. Crystal Layout Keep the layers under the crystal as open as possible and do not place switching signals or noisy supplies under the crystal. Crystal load capacitance is built inside the die so no external capacitance is needed. See the Selecting a Quartz Crystal for the Clockworks Flex I Family of Precision Synthesizers application note for more details. Contact Micrel’s HBW applications group if you need help selecting a suitable crystal for your application at: hbwhelp@micrel.com. Power Supply Filtering Recommendations Figure 1. Recommended Power Supply Filtering • Use the power supply filtering shown in Figure 1 for VDDAP1, VDDAP2, VDDI1 and VDDI2. • Connect the VDDO and VDD pins directly to the VDD power plane. • Connect all VSS pins directly to the ground power plane. Figure 2. Duty Cycle Timing Figure 3. All Outputs Rise/Fall Time |