Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADC0804 Fiches technique(PDF) 44 Page - Texas Instruments

No de pièce ADC0804
Description  8-Bit 關P Compatible A/D Converters
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

ADC0804 Fiches technique(HTML) 44 Page - Texas Instruments

Back Button ADC0804 Datasheet HTML 40Page - Texas Instruments ADC0804 Datasheet HTML 41Page - Texas Instruments ADC0804 Datasheet HTML 42Page - Texas Instruments ADC0804 Datasheet HTML 43Page - Texas Instruments ADC0804 Datasheet HTML 44Page - Texas Instruments ADC0804 Datasheet HTML 45Page - Texas Instruments ADC0804 Datasheet HTML 46Page - Texas Instruments ADC0804 Datasheet HTML 47Page - Texas Instruments ADC0804 Datasheet HTML 48Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 49 page
background image
TAPE AND REEL INFORMATION
*All dimensions are nominal
Device
Package
Type
Package
Drawing
Pins
SPQ
Reel
Diameter
(mm)
Reel
Width
W1 (mm)
A0
(mm)
B0
(mm)
K0
(mm)
P1
(mm)
W
(mm)
Pin1
Quadrant
ADC0804LCWMX
SOIC
DW
20
1000
330.0
24.4
10.9
13.3
3.25
12.0
24.0
Q1
ADC0804LCWMX/NOPB
SOIC
DW
20
1000
330.0
24.4
10.9
13.3
3.25
12.0
24.0
Q1
PACKAGE MATERIALS INFORMATION
www.ti.com
26-Mar-2013
Pack Materials-Page 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49