| Moteur de recherche de fiches techniques de composants électroniques |
|
ADC0804 Fiches technique(PDF) 29 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
ADC0804 Fiches technique(HTML) 29 Page - Texas Instruments |
|
29 / 49 page ![]() ADC0801, ADC0802 ADC0803, ADC0804, ADC0805 www.ti.com SNOSBI1B – NOVEMBER 2009 – REVISED FEBRUARY 2013 (1) *Pin numbers for the DP8228 system controller, others are INS8080A (2) Pin 23 of the INS8228 must be tied to +12V through a 1 k Ω resistor to generate the RST 7 instruction when an interrupt is acknowledged as required by the accompanying sample program. Figure 56. ADC0801_INS8080A CPU Interface Copyright © 2009–2013, Texas Instruments Incorporated Submit Documentation Feedback 29 Product Folder Links: ADC0801, ADC0802 ADC0803, ADC0804, ADC0805 |