| Moteur de recherche de fiches techniques de composants électroniques |
|
PI3VDP411LSA Fiches technique(PDF) 12 Page - Pericom Semiconductor Corporation |
|
|
|||||||||||||||||||||||||||||
PI3VDP411LSA Fiches technique(HTML) 12 Page - Pericom Semiconductor Corporation |
|
12 / 13 page ![]() 12 www.pericom.com PS9059A 07/28/12 PI3VDP411LSA Dual Mode DisplayPort™ to DVI/HDMI™ Electrical bridge (Level Shifter) Related Products Part Number Product Description PI3EQXDP1201 DisplayPort 1.2 Re-driver with built-in AUX listener PI3VDP1430 Dual Mode DisplayPort to HDMI Level Shifter and Re-driver PI3HDMI511 3.4G HDMI1.4 Re-driver for Source-side application, supporting Dual Mode DisplayPort PI3HDMI611 3.4G HDMI1.4 Re-driver for Sink-side application, supporting Dual Mode DisplayPort PI3VDP3212 2-Lane DisplayPort1.2 Compliant Switch PI3VDP12412 4-Lane DisplayPort1.2 Compliant Switch PI3HDMI412AD 1:2 Active 3.4Gbps HDMI1.4 compliant Splitter/Re-driver PI3HDMI521 2:1 3.4Gbps HDMI1.4 Switch/Re-driver with built-in ARC and Fast Switching support for Sink Application PI3HDMI621 2:1 3.4Gbps HDMI1.4 Switch/Re-driver with built-in ARC and Fast Switching support for Sink Application PI3HDMI336 3:1 Active 3.4Gbps HDMI Switch/Re-driver with I2C control and ARC Transmitter Reference Information Document Description VESA VESA DisplayPort Standard Version 1 Revision 2, Video Electronics Standards Association, January 5, 2010 VESA DisplayPort Dual-Mode Standard Version 1, Video Electronics Standards Association, February 10, 2012 VESA DisplayPort Interoperability Guideline Version 1.1a, Video Electronics Standards Association, Febru- ary 5, 2009 HDMI High-Definition Multimedia Interface Specification Version 1.4, HDMI Licensing, LLC, June 5, 2009 Ordering Information Ordering Code Package Code Package Type PI3VDP411LSAZBE ZB Pb-free & Green, 48-pin TQFN 1. Thermal characteristics can be found on the company web site at www.pericom.com/packaging/ 2. E = Pb-free and Green 3. Adding an X suffix = Tape/Reel 12-0236 |