| Moteur de recherche de fiches techniques de composants électroniques |
|
MB86604LPFV Fiches technique(PDF) 39 Page - fujitsu semiconductor |
|
|
|||||||||||||||||||||||||||||
MB86604LPFV Fiches technique(HTML) 39 Page - fujitsu semiconductor |
|
39 / 56 page ![]() 39 MB86604L • Synchronous transfer mode (a) REQ/ACK signal period *1: The position number indicates the position in the waveform. *2: “A” and “N” values are based on the transfer period register (address 0Dh). See (8) for more setting values. Parameter Symbol Value Unit Position*1 Min. Max. REQ assert time *2 tRQAP A A • tCLK – 12 —ns REQ negate time *2 tRQNP B N • tCLK + 2 —ns ACK assert time tAKAP C20 — ns ACK negate time tAKNP D20 — ns ACK input cycle time 1 tAKCY1 E1 tCLK —ns ACK input cycle time 2 tAKCY2 F3 tCLK —ns A t RQAP E REQ ACK t AKCY1 B F t AKCY2 t RQNP C t AKAP D t AKNP |