| Moteur de recherche de fiches techniques de composants électroniques |
|
MB86604LPFV Fiches technique(PDF) 16 Page - fujitsu semiconductor |
|
|
|||||||||||||||||||||||||||||
MB86604LPFV Fiches technique(HTML) 16 Page - fujitsu semiconductor |
|
16 / 56 page ![]() 16 MB86604L • Register read timing * : The position number indicates the position in the waveform. Parameter Symbol Value Unit Base signal Position* Min. Max. Address (A4 to A0), BHE set up time RD “L” tsuA A40 — ns Address (A4 to A0), Hold time RD “H” thA B20 — ns CS0 set up time RD “L” tsuCS0 C20— ns CS0 hold time RD “H” thCS0 D10— ns RD “L” level pulse width — twRDL E70 — ns Data output defined time RD “L” tvD F — 70 ns Data output disable time RD “H” tDZ G10 — ns INT signal clear time for INT non-hold mode RD “L” tDL H — 50 ns for INT hold mode RD “H” tDL2 I— n tCLK + 50 ns A C E B D G F Valid data A4 to A0 CS0 RD D15 to D8, UDP H I INT INT t suA t suCS0 t wRDL t hCS0 t DZ t vD t DL t DL2* t hA D7 to D0, LDP BHE *: t DL2 is determined by a rising edge of the strobe signal which reads the step code for the last interrupt source. Also, “n” indicates the division ratio. |