Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L6208Q Fiches technique(PDF) 32 Page - STMicroelectronics

No de pièce L6208Q
Description  DMOS driver for bipolar stepper motor
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6208Q Fiches technique(HTML) 32 Page - STMicroelectronics

Back Button L6208Q Datasheet HTML 26Page - STMicroelectronics L6208Q Datasheet HTML 27Page - STMicroelectronics L6208Q Datasheet HTML 28Page - STMicroelectronics L6208Q Datasheet HTML 29Page - STMicroelectronics L6208Q Datasheet HTML 30Page - STMicroelectronics L6208Q Datasheet HTML 31Page - STMicroelectronics L6208Q Datasheet HTML 32Page - STMicroelectronics L6208Q Datasheet HTML 33Page - STMicroelectronics L6208Q Datasheet HTML 34Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 32 / 34 page
background image
Order codes
L6208Q
32/34
DocID018710 Rev 3
11
Order codes
Table 9. Ordering information
Order codes
Package
Packaging
L6208Q
VFQFPN48 7 x 7 x 1.0 mm
Tray
L6208QTR
Tape and reel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34