Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DP83849CVS/NOPB Fiches technique(PDF) 94 Page - Texas Instruments

Click here to check the latest version.
No de pièce DP83849CVS/NOPB
Description  PHYTER DUAL Commercial Temperature Dual Port 10/100 Mb/s Ethernet Physical Layer Transceiver
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

DP83849CVS/NOPB Fiches technique(HTML) 94 Page - Texas Instruments

Back Button DP83849CVS/NOPB Datasheet HTML 90Page - Texas Instruments DP83849CVS/NOPB Datasheet HTML 91Page - Texas Instruments DP83849CVS/NOPB Datasheet HTML 92Page - Texas Instruments DP83849CVS/NOPB Datasheet HTML 93Page - Texas Instruments DP83849CVS/NOPB Datasheet HTML 94Page - Texas Instruments DP83849CVS/NOPB Datasheet HTML 95Page - Texas Instruments DP83849CVS/NOPB Datasheet HTML 96Page - Texas Instruments DP83849CVS/NOPB Datasheet HTML 97Page - Texas Instruments DP83849CVS/NOPB Datasheet HTML 98Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 101 page
background image
93
www.national.com
8.2.26 RMII Transmit Timing
Parameter
Description
Notes
Min
Typ
Max Units
T2.26.1
X1 Clock Period
50 MHz Reference Clock
20
ns
T2.26.2
TXD[1:0], TX_EN, Data Setup
to X1 rising
4
ns
T2.26.3
TXD[1:0], TX_EN, Data Hold
from X1 rising
2
ns
T2.26.4
X1 Clock to PMD Output Pair
Latency (100Mb)
100BASE-TX mode
11
bits
X1
TXD[1:0]
TX_EN
Valid Data
T2.26.2
T2.26.3
T2.26.1
PMD Output Pair
Symbol
T2.26.4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More