| Moteur de recherche de fiches techniques de composants électroniques |
|
DP83849CVS/NOPB Fiches technique(PDF) 83 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
DP83849CVS/NOPB Fiches technique(HTML) 83 Page - Texas Instruments |
|
83 / 101 page ![]() www.national.com 82 8.2.7 100BASE-TX MII Transmit Packet Deassertion Timing Note: Deassertion is determined by measuring the time from the first rising edge of TX_CLK occurring after the deasser- tion of TX_EN to the first bit of the “T” code group as output from the PMD Output Pair. 1 bit time = 10 ns in 100 Mb/s mode. Parameter Description Notes Min Typ Max Units T2.7.1 TX_CLK to PMD Output Pair Deassertion 100BASE-TX mode 5 bits TX_CLK TXD TX_EN PMD Output Pair (T/R) DATA IDLE T2.7.1 (T/R) DATA IDLE |