| Moteur de recherche de fiches techniques de composants électroniques |
|
AM4963 Fiches technique(PDF) 1 Page - Diodes Incorporated |
|
|
|||||||||||||||||||||||||||||
AM4963 Fiches technique(HTML) 1 Page - Diodes Incorporated |
|
1 / 16 page ![]() Data Sheet Single Phase Full Wave Direct PWM Motor Driver AM4963/AM4963R Sep. 2011 Rev. 1. 0 BCD Semiconductor Manufacturing Limited 1 General Description The AM4963/AM4963R is a full wave driver IC with direct PWM control function and thermal resistor control function. It is used for single phase motor and is capable of speed control by PWM pulse and thermal resistor at the same time. The AM4963/AM4963R is available in HTSSOP-14 and SSOP-16 packages. Features • The Motor Speed is Controlled by PWM Pulse Directly and Thermal Resistor at the Same Time • Low Corner Temperature (30 °C) Adjustable • High Corner Temperature (38 °C) Adjustable • Full Speed when Thermal Resistor Shorten • Built-in Triangle Wave Circuit without Extra Oscillation Capacitor • Built-in Minimal Speed Setup Circuit • Alpha Slope Adjustable • Rotation Speed Indicator (FG) • Rotation/lock State Indicator (RD) • Built-in Temperature Control Circuit • Built-in Thermal Shutdown Circuit • Lock Protection and Auto-restart Applications • CPU Cooler Fan in PC • Brushless DC Motor Driver Figure 1. Package Types of AM4963/AM4963R HTSSOP-14 SSOP-16 |
Numéro de pièce similaire - AM4963 |
|
Description similaire - AM4963 |