| Moteur de recherche de fiches techniques de composants électroniques |
|
AM4963 Fiches technique(PDF) 5 Page - Diodes Incorporated |
|
|
|||||||||||||||||||||||||||||
AM4963 Fiches technique(HTML) 5 Page - Diodes Incorporated |
|
5 / 16 page ![]() Data Sheet Single Phase Full Wave Direct PWM Motor Driver AM4963/AM4963R Sep. 2011 Rev. 1. 0 BCD Semiconductor Manufacturing Limited 5 Ordering Information AM4963 - Circuit Type G1: Green Blank: AM4963 R: AM4963R Package GH: HTSSOP-14 GS: SSOP-16 Package Temperature Range Part Number Marking ID Packing Type AM4963GH-G1 AM4963GH-G1 Tube AM4963GHTR-G1 AM4963GH-G1 Tape & Reel AM4963RGH-G1 AM4963RGH-G1 Tube HTSSOP-14 AM4963RGHTR-G1 AM4963RGH-G1 Tape & Reel AM4963GS-G1 AM4963GS-G1 Tube AM4963GSTR-G1 AM4963GS-G1 Tape & Reel AM4963RGS-G1 AM4963RGS-G1 Tube SSOP-16 -30 to 90 °C AM4963RGSTR-G1 AM4963RGS-G1 Tape & Reel BCD Semiconductor's Pb-free products, as designated with "G1" suffix in the part number, are RoHS compliant and green. Blank: Tube TR: Tape & Reel |