Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

1SS355 Fiches technique(PDF) 1 Page - PACELEADER INDUSTRIAL

No de pièce 1SS355
Description  SURFACE MOUNT SWITCHIIING DIODES
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PACELEADER [PACELEADER INDUSTRIAL]
Site Internet  http://www.paceleader.tw
Logo PACELEADER - PACELEADER INDUSTRIAL

1SS355 Fiches technique(HTML) 1 Page - PACELEADER INDUSTRIAL

  1SS355 Datasheet HTML 1Page - PACELEADER INDUSTRIAL 1SS355 Datasheet HTML 2Page - PACELEADER INDUSTRIAL 1SS355 Datasheet HTML 3Page - PACELEADER INDUSTRIAL  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
FEATURES
www.paceleader.tw
MAXIMUM RATING
High Speed
4ns
Low Reverse Leakage Current .
Small Outline Surface Mount SOD-323 Package
SWITCHING DIODES 100m AMPERES 100 VOLTS
1SS355
SURFACE MOUNT SWITCHING DIODES
SURFACE MOUNT SWITCHING DIODES
SURFACE MOUNT SWITCHING DIODES
4
Rating
Symbol
Value
Unit
Reverse Voltage
Forward Current
Peak Forward Surge Current
VR
IF
IFM(Surge)
100
100
500
Vdc
mAdc
mAdc
Characterictics
Symbol
Max
Unit
Total Device Dissipation FR-5
Board TA=25 C
Derate Above 25 C
Thermal Resistance, Junction
to Ambient
Total Device Dissipation Alumina
Substrate,(2)TA=25 C
Derate Above 25 C
Thermal Resistance, Junction to
Ambient
Junction and Storage
Temperature
PD
PD
R JA
TJ, Tstg
225
1.8
556
300
2.4
417
-55 to + 150
mW
mW/ C
mW
mW/ C
C/W
C/W
C
q
R JA
q
THERMAL CHARACTERISTICS
THERMAL CHARACTERISTICS
SOD-323
.045(1.15)
.053(1.35)
.0035(0.089)
.015(0.377)
.00(0.00)
.004(0.10)
.031(0.80)
.039(1.00)
.009(0.25)
.016(0.40)
.063(1.60)
.071(1.80)
.091(2.30)
1.63(2.70)
1
2
0.15R


Numéro de pièce similaire - 1SS355

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
1SS355 ROHM-1SS355 Datasheet
61Kb / 2P
Silicon Epitaxial Planar High-Speed Switching Diodes
1SS355 ROHM-1SS355 Datasheet
247Kb / 4P
Switching diode
logo
Weitron Technology
1SS355 WEITRON-1SS355 Datasheet
445Kb / 3P
Surface Mount Switching Diode
logo
Tak Cheong Electronics ...
1SS355 TAK_CHEONG-1SS355 Datasheet
197Kb / 5P
200mW SOD-323 SURFACE MOUNT Small Outline Flat Lead Plastic Package High Speed Switching Diode
logo
Galaxy Semi-Conductor H...
1SS355 BILIN-1SS355 Datasheet
209Kb / 3P
Silicon Epitaxial Planar Diode
Rev.A
More results

Description similaire - 1SS355

FabricantNo de pièceFiches techniqueDescription
logo
Jinan Gude Electronic D...
MM4148 JGD-MM4148 Datasheet
213Kb / 3P
SURFACE MOUNT SWITCHING DIODES
MMBD1401 JGD-MMBD1401 Datasheet
96Kb / 1P
SURFACE MOUNT SWITCHING DIODES
logo
Hi-Sincerity Mocroelect...
HMM4148 HSMC-HMM4148 Datasheet
36Kb / 3P
SURFACE MOUNT SITCHING DIODES
logo
Comchip Technology
CZRW5221 COMCHIP-CZRW5221 Datasheet
77Kb / 4P
Surface Mount Zener Diodes
CZRL47 COMCHIP-CZRL47 Datasheet
62Kb / 3P
Surface Mount Zener Diodes
CZRB5926 COMCHIP-CZRB5926 Datasheet
73Kb / 3P
Surface Mount Zener Diodes
logo
Formosa MS
MM3Z FORMOSA-MM3Z Datasheet
543Kb / 5P
Surface Mount Zener Diodes
logo
Cystech Electonics Corp...
MF400XSL CYSTEKEC-MF400XSL Datasheet
135Kb / 3P
SURFACE MOUNT DIODES
logo
Shenzhen Luguang Electr...
MMBD4448W LUGUANG-MMBD4448W Datasheet
272Kb / 2P
Surface Mount Switching Diodes
logo
Voltage Multipliers Inc...
SXF50FF3 VMI-SXF50FF3 Datasheet
75Kb / 1P
High Voltage Diodes - Surface Mount High Voltage Diodes - Surface Mount
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com