Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

1SS355 Fiches technique(PDF) 3 Page - PACELEADER INDUSTRIAL

No de pièce 1SS355
Description  SURFACE MOUNT SWITCHIIING DIODES
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PACELEADER [PACELEADER INDUSTRIAL]
Site Internet  http://www.paceleader.tw
Logo PACELEADER - PACELEADER INDUSTRIAL

1SS355 Fiches technique(HTML) 3 Page - PACELEADER INDUSTRIAL

  1SS355 Datasheet HTML 1Page - PACELEADER INDUSTRIAL 1SS355 Datasheet HTML 2Page - PACELEADER INDUSTRIAL 1SS355 Datasheet HTML 3Page - PACELEADER INDUSTRIAL  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
+10V
820
2.0K
100 µH
0.1µF
50 OUTPUT
PULSE
GENERATOR
50 INPUT
SAMPLING
OSCILLOSCOPE
IF
D.U.T.
0.1µF
VR
INPUT SIGNAL
tr
tp
10%
90%
t
IF
IR
trr
t
IR(REC)=1.0mA
OUTPUT PULSE
(IF=IR=10mA, MEASURED
AT IR(REC)=1.0mA
Notes:1. A 2.0 k variable resistor for a Forward Current (IF) 0f 10 mA
2. Input pules is adjusted so IR(peak) is equal to 10 mA
3. tp trr
Figure 1. Recovery Time Equivalent Test Circuit
VR, REVERSE VOLTAGE (VOLTS)
Figure 4. Capacitance
VF, FORWARD VOLTAGE (VOLTS)
Figure 2. Forward Voltage
VR, REVERSE VOLTAGE (VOLTS)
Figure 3. Leakage Current
Scattering Limit
0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0
0
1000
100
10
1
0.1
10
20
30
50
70
100
120
100
80
60
40
20
0
0
2
4
6
8
10
1.2
1.0
0.8
0.6
0.4
0.2
0
f=1MHZ
Tj=25
Scattering Limit
C
»
SWITCHING DIODES 100m AMPERES 100 VOLTS
1SS355
SURFACE MOUNT SWITCHING DIODES
SURFACE MOUNT SWITCHING DIODES
SURFACE MOUNT SWITCHING DIODES
www.paceleader.tw
3



Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com