Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L6204D Fiches technique(PDF) 9 Page - STMicroelectronics

No de pièce L6204D
Description  DMOS DUAL FULL BRIDGE DRIVER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6204D Fiches technique(HTML) 9 Page - STMicroelectronics

Back Button L6204D Datasheet HTML 4Page - STMicroelectronics L6204D Datasheet HTML 5Page - STMicroelectronics L6204D Datasheet HTML 6Page - STMicroelectronics L6204D Datasheet HTML 7Page - STMicroelectronics L6204D Datasheet HTML 8Page - STMicroelectronics L6204D Datasheet HTML 9Page - STMicroelectronics L6204D Datasheet HTML 10Page - STMicroelectronics L6204D Datasheet HTML 11Page - STMicroelectronics L6204D Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9/12
L6204
FALL TIME Tf
For this example it is assumed that the energy dissipated in this part of the cycle takes the same form as
that shown for the rise time :
EON/OFF = [RDS(ON) · IL · Tf] · 2/3
QUIESCENT ENERGY
The last contribution to the energy dissipation is due to the quiescent supply current and is given by :
EQUIESCENT = IQUIESCENT · VS · T
TOTAL ENERGY PER CYCLE
ETOT = (EOFF/ON + EON + ECOM + EON/OFF) bridge 1 + (EOFF/ON + EON + ECOM + EON/OFF)bridge 2 +
+ EQUIESCENT
The Total Power Dissipation PDIS is simply :
PDIS = ETOT/T
Tr = Rise time
TON = ON time
Tf = Fall Time
Td = Dead time
T = Period
T = Tr + TON + Tf + Td
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12