Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L6204D Fiches technique(PDF) 7 Page - STMicroelectronics

No de pièce L6204D
Description  DMOS DUAL FULL BRIDGE DRIVER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6204D Fiches technique(HTML) 7 Page - STMicroelectronics

Back Button L6204D Datasheet HTML 3Page - STMicroelectronics L6204D Datasheet HTML 4Page - STMicroelectronics L6204D Datasheet HTML 5Page - STMicroelectronics L6204D Datasheet HTML 6Page - STMicroelectronics L6204D Datasheet HTML 7Page - STMicroelectronics L6204D Datasheet HTML 8Page - STMicroelectronics L6204D Datasheet HTML 9Page - STMicroelectronics L6204D Datasheet HTML 10Page - STMicroelectronics L6204D Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7/12
L6204
Figure 4. One Phase Chopping
Figure 5. Enable Chopping
Figure 6.
DEAD TIME
To protect the device against simultaneous conduction in both arms of the bridge and the resulting rail-to-
rail short, the logic circuits provide a dead time.
THERMAL PROTECTION
A thermal protection circuit has been included that will disable the device if the junction temperature reach-
es 150 °C. When the temperature has fallen to a safe level the device restarts under the control of the
input and enable signals.
IN1 = H
IN2 = L
EN1 = H
IN1 = H
IN2 = H
EN1 = H
IN1 = H
IN2 = L
EN1 = H
IN1 = X
IN2 = X
EN1 = L
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12