Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

IO13RSB0 Fiches technique(PDF) 158 Page - Microsemi Corporation

No de pièce IO13RSB0
Description  ProASIC3 Flash Family FPGAs with Optional Soft ARM Support
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROSEMI [Microsemi Corporation]
Site Internet  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

IO13RSB0 Fiches technique(HTML) 158 Page - Microsemi Corporation

Back Button IO13RSB0 Datasheet HTML 154Page - Microsemi Corporation IO13RSB0 Datasheet HTML 155Page - Microsemi Corporation IO13RSB0 Datasheet HTML 156Page - Microsemi Corporation IO13RSB0 Datasheet HTML 157Page - Microsemi Corporation IO13RSB0 Datasheet HTML 158Page - Microsemi Corporation IO13RSB0 Datasheet HTML 159Page - Microsemi Corporation IO13RSB0 Datasheet HTML 160Page - Microsemi Corporation IO13RSB0 Datasheet HTML 161Page - Microsemi Corporation IO13RSB0 Datasheet HTML 162Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 158 / 210 page
background image
Package Pin Assignments
4- 42
R e v i sio n 1 5
FG144
Pin Number
A3P125 Function
A1
GNDQ
A2
VMV0
A3
GAB0/IO02RSB0
A4
GAB1/IO03RSB0
A5
IO11RSB0
A6
GND
A7
IO18RSB0
A8
VCC
A9
IO25RSB0
A10
GBA0/IO39RSB0
A11
GBA1/IO40RSB0
A12
GNDQ
B1
GAB2/IO69RSB1
B2
GND
B3
GAA0/IO00RSB0
B4
GAA1/IO01RSB0
B5
IO08RSB0
B6
IO14RSB0
B7
IO19RSB0
B8
IO22RSB0
B9
GBB0/IO37RSB0
B10
GBB1/IO38RSB0
B11
GND
B12
VMV0
C1
IO132RSB1
C2
GFA2/IO120RSB1
C3
GAC2/IO131RSB1
C4
VCC
C5
IO10RSB0
C6
IO12RSB0
C7
IO21RSB0
C8
IO24RSB0
C9
IO27RSB0
C10
GBA2/IO41RSB0
C11
IO42RSB0
C12
GBC2/IO45RSB0
D1
IO128RSB1
D2
IO129RSB1
D3
IO130RSB1
D4
GAA2/IO67RSB1
D5
GAC0/IO04RSB0
D6
GAC1/IO05RSB0
D7
GBC0/IO35RSB0
D8
GBC1/IO36RSB0
D9
GBB2/IO43RSB0
D10
IO28RSB0
D11
IO44RSB0
D12
GCB1/IO53RSB0
E1
VCC
E2
GFC0/IO125RSB1
E3
GFC1/IO126RSB1
E4
VCCIB1
E5
IO68RSB1
E6
VCCIB0
E7
VCCIB0
E8
GCC1/IO51RSB0
E9
VCCIB0
E10
VCC
E11
GCA0/IO56RSB0
E12
IO46RSB0
F1
GFB0/IO123RSB1
F2
VCOMPLF
F3
GFB1/IO124RSB1
F4
IO127RSB1
F5
GND
F6
GND
F7
GND
F8
GCC0/IO52RSB0
F9
GCB0/IO54RSB0
F10
GND
F11
GCA1/IO55RSB0
F12
GCA2/IO57RSB0
FG144
Pin Number
A3P125 Function
G1
GFA1/IO121RSB1
G2
GND
G3
VCCPLF
G4
GFA0/IO122RSB1
G5
GND
G6
GND
G7
GND
G8
GDC1/IO61RSB0
G9
IO48RSB0
G10
GCC2/IO59RSB0
G11
IO47RSB0
G12
GCB2/IO58RSB0
H1
VCC
H2
GFB2/IO119RSB1
H3
GFC2/IO118RSB1
H4
GEC1/IO112RSB1
H5
VCC
H6
IO50RSB0
H7
IO60RSB0
H8
GDB2/IO71RSB1
H9
GDC0/IO62RSB0
H10
VCCIB0
H11
IO49RSB0
H12
VCC
J1
GEB1/IO110RSB1
J2
IO115RSB1
J3
VCCIB1
J4
GEC0/IO111RSB1
J5
IO116RSB1
J6
IO117RSB1
J7
VCC
J8
TCK
J9
GDA2/IO70RSB1
J10
TDO
J11
GDA1/IO65RSB0
J12
GDB1/IO63RSB0
FG144
Pin Number
A3P125 Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More