Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

IO13RSB0 Fiches technique(PDF) 156 Page - Microsemi Corporation

No de pièce IO13RSB0
Description  ProASIC3 Flash Family FPGAs with Optional Soft ARM Support
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROSEMI [Microsemi Corporation]
Site Internet  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

IO13RSB0 Fiches technique(HTML) 156 Page - Microsemi Corporation

Back Button IO13RSB0 Datasheet HTML 152Page - Microsemi Corporation IO13RSB0 Datasheet HTML 153Page - Microsemi Corporation IO13RSB0 Datasheet HTML 154Page - Microsemi Corporation IO13RSB0 Datasheet HTML 155Page - Microsemi Corporation IO13RSB0 Datasheet HTML 156Page - Microsemi Corporation IO13RSB0 Datasheet HTML 157Page - Microsemi Corporation IO13RSB0 Datasheet HTML 158Page - Microsemi Corporation IO13RSB0 Datasheet HTML 159Page - Microsemi Corporation IO13RSB0 Datasheet HTML 160Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 156 / 210 page
background image
Package Pin Assignments
4- 40
R e v i sio n 1 5
FG144
Pin Number
A3P060 Function
A1
GNDQ
A2
VMV0
A3
GAB0/IO04RSB0
A4
GAB1/IO05RSB0
A5
IO08RSB0
A6
GND
A7
IO11RSB0
A8
VCC
A9
IO16RSB0
A10
GBA0/IO23RSB0
A11
GBA1/IO24RSB0
A12
GNDQ
B1
GAB2/IO53RSB1
B2
GND
B3
GAA0/IO02RSB0
B4
GAA1/IO03RSB0
B5
IO00RSB0
B6
IO10RSB0
B7
IO12RSB0
B8
IO14RSB0
B9
GBB0/IO21RSB0
B10
GBB1/IO22RSB0
B11
GND
B12
VMV0
C1
IO95RSB1
C2
GFA2/IO83RSB1
C3
GAC2/IO94RSB1
C4
VCC
C5
IO01RSB0
C6
IO09RSB0
C7
IO13RSB0
C8
IO15RSB0
C9
IO17RSB0
C10
GBA2/IO25RSB0
C11
IO26RSB0
C12
GBC2/IO29RSB0
D1
IO91RSB1
D2
IO92RSB1
D3
IO93RSB1
D4
GAA2/IO51RSB1
D5
GAC0/IO06RSB0
D6
GAC1/IO07RSB0
D7
GBC0/IO19RSB0
D8
GBC1/IO20RSB0
D9
GBB2/IO27RSB0
D10
IO18RSB0
D11
IO28RSB0
D12
GCB1/IO37RSB0
E1
VCC
E2
GFC0/IO88RSB1
E3
GFC1/IO89RSB1
E4
VCCIB1
E5
IO52RSB1
E6
VCCIB0
E7
VCCIB0
E8
GCC1/IO35RSB0
E9
VCCIB0
E10
VCC
E11
GCA0/IO40RSB0
E12
IO30RSB0
F1
GFB0/IO86RSB1
F2
VCOMPLF
F3
GFB1/IO87RSB1
F4
IO90RSB1
F5
GND
F6
GND
F7
GND
F8
GCC0/IO36RSB0
F9
GCB0/IO38RSB0
F10
GND
F11
GCA1/IO39RSB0
F12
GCA2/IO41RSB0
FG144
Pin Number
A3P060 Function
G1
GFA1/IO84RSB1
G2
GND
G3
VCCPLF
G4
GFA0/IO85RSB1
G5
GND
G6
GND
G7
GND
G8
GDC1/IO45RSB0
G9
IO32RSB0
G10
GCC2/IO43RSB0
G11
IO31RSB0
G12
GCB2/IO42RSB0
H1
VCC
H2
GFB2/IO82RSB1
H3
GFC2/IO81RSB1
H4
GEC1/IO77RSB1
H5
VCC
H6
IO34RSB0
H7
IO44RSB0
H8
GDB2/IO55RSB1
H9
GDC0/IO46RSB0
H10
VCCIB0
H11
IO33RSB0
H12
VCC
J1
GEB1/IO75RSB1
J2
IO78RSB1
J3
VCCIB1
J4
GEC0/IO76RSB1
J5
IO79RSB1
J6
IO80RSB1
J7
VCC
J8
TCK
J9
GDA2/IO54RSB1
J10
TDO
J11
GDA1/IO49RSB0
J12
GDB1/IO47RSB0
FG144
Pin Number
A3P060 Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More