Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MA4SW510B-1 Fiches technique(PDF) 7 Page - M/A-COM Technology Solutions, Inc.

No de pièce MA4SW510B-1
Description  HMIC??Silicon PIN Diode Switch
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MA-COM [M/A-COM Technology Solutions, Inc.]
Site Internet  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MA4SW510B-1 Fiches technique(HTML) 7 Page - M/A-COM Technology Solutions, Inc.

  MA4SW510B-1 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MA4SW510B-1 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MA4SW510B-1 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MA4SW510B-1 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MA4SW510B-1 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MA4SW510B-1 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MA4SW510B-1 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
M/A-COM Products
V2
MA4SW510B-1
HMIC™ Silicon PIN Diode Switch
RoHS Compliant
with Integrated Bias Network
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
MA-COM Technical Solutions and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice.
7
ADVANCED:
Data Sheets contain information regarding a product MA-COM Technical Solutions is
considering for development. Performance is based on target specifications, simulated results, and/
or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY:
Data Sheets contain information regarding a product MA-COM Technical Solutions
has under development. Performance is based on engineering tests. Specifications are typical.
Mechanical outline has been fixed. Engineering samples and/or test data may be available. Commit-
ment to produce in volume is not guaranteed.
Cleanliness
These chips should be handled in a clean environment.
Wire Bonding
Thermosonic wedge wire bonding using 0.00025” x 0.003” ribbon or 0.001” diameter gold wire is
recommended. A heat stage temperature of 150oC and a force of 18 to 22 grams should be used. Ultrasonic
energy should be adjusted to the minimum required to achieve a good bond. RF bond wires should be kept as
short and straight as possible.
Mounting
The HMIC switches have Ti-Pt-Au back metal. They can be die mounted with a gold-tin eutectic solder
preform or conductive epoxy. Mounting surface must be clean and flat.
Eutectic Die Attachment
An 80/20, gold-tin, eutectic solder preform is recommended with a work surface temperature of 255oC and a
tool tip temperature of 265oC. When hot gas is applied, the tool tip temperature should be 290oC. The chip
should not be exposed to temperatures greater than 320oC for more than 20 seconds. No more than three
seconds should be required for attachment. Solders containing tin should not be used.
Epoxy Die Attachment
A minimum amount of epoxy should be used. A thin epoxy fillet should be visible around the perimeter of the
chip after placement. Cure epoxy per manufacturer’s schedule. (typically 125-150oC).
Wire/Ribbon and Die Attachment Recommendations
Part Number
Package
MA4SW510B-1
Waffle Pack
Ordering Information



Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com