| Moteur de recherche de fiches techniques de composants électroniques |
|
UTFD15B Fiches technique(PDF) 1 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
UTFD15B Fiches technique(HTML) 1 Page - List of Unclassifed Manufacturers |
|
1 / 33 page ![]() UTG Series ConnectionTechnologies The plastic circular connector with metal locking The plastic circular connector with metal locking UTG provides the complete answer to the need for economical lightweight and robust metal coupling Flammability rating UL94-V0 compliant Rapid and secure locking Locks with audible positive «click» Intermateable and interchangeable With UTO, UTP and UTS series Complete range of contacts Trim Trio contacts #16 |
Numéro de pièce similaire - UTFD15B |
|
Description similaire - UTFD15B |