Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UTFD15B Fiches technique(PDF) 12 Page - List of Unclassifed Manufacturers

No de pièce UTFD15B
Description  The plastic circular connector with metal locking
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

UTFD15B Fiches technique(HTML) 12 Page - List of Unclassifed Manufacturers

Back Button UTFD15B Datasheet HTML 8Page - List of Unclassifed Manufacturers UTFD15B Datasheet HTML 9Page - List of Unclassifed Manufacturers UTFD15B Datasheet HTML 10Page - List of Unclassifed Manufacturers UTFD15B Datasheet HTML 11Page - List of Unclassifed Manufacturers UTFD15B Datasheet HTML 12Page - List of Unclassifed Manufacturers UTFD15B Datasheet HTML 13Page - List of Unclassifed Manufacturers UTFD15B Datasheet HTML 14Page - List of Unclassifed Manufacturers UTFD15B Datasheet HTML 15Page - List of Unclassifed Manufacturers UTFD15B Datasheet HTML 16Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 33 page
background image
12
UTG Series
Contacts
Description
The UTG series is delivered without contact (crimp version). When contacts are not loaded, this series offers the unique possibility to use the
same contact in any layout as long as it receives the same active part size. Thus it is possible to buy only one contact reference and equip
all connectors even if housings are different.
The main benefit is the standardisation which means reduction of inventory cost.
Bearing in mind that any additional tool or complicated assembly process should be avoided, our contacts are based on a snap-in principle
which avoid the use of an insertion tool.
Crimp contacts are available in different versions:
• stamped & formed
• coaxial
• fiber optic
• machined



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33