Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADF7021 Fiches technique(PDF) 25 Page - Analog Devices

No de pièce ADF7021
Description  High Performance Narrow-Band Transceiver IC
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADF7021 Fiches technique(HTML) 25 Page - Analog Devices

Back Button ADF7021 Datasheet HTML 21Page - Analog Devices ADF7021 Datasheet HTML 22Page - Analog Devices ADF7021 Datasheet HTML 23Page - Analog Devices ADF7021 Datasheet HTML 24Page - Analog Devices ADF7021 Datasheet HTML 25Page - Analog Devices ADF7021 Datasheet HTML 26Page - Analog Devices ADF7021 Datasheet HTML 27Page - Analog Devices ADF7021 Datasheet HTML 28Page - Analog Devices ADF7021 Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 64 page
background image
Data Sheet
ADF7021
Rev. B | Page 25 of 64
CHOOSING CHANNELS FOR BEST SYSTEM
PERFORMANCE
An interaction between the RF VCO frequency and the
reference frequency can lead to fractional spur creation. When
the synthesizer is in fractional mode (that is, the RF VCO and
reference frequencies are not integer related), spurs can appear
on the VCO output spectrum at an offset frequency that
corresponds to the difference frequency between an integer
multiple of the reference and the VCO frequency.
These spurs are attenuated by the loop filter. They are more
noticeable on channels close to integer multiples of the reference
where the difference frequency may be inside the loop bandwidth;
thus, the name integer boundary spurs. The occurrence of these
spurs is rare because the integer frequencies are around multiples
of the reference, which is typically >10 MHz. To avoid having
very small or very large values in the fractional register, choose
a suitable reference frequency.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64