Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADF7021 Fiches technique(PDF) 44 Page - Analog Devices

No de pièce ADF7021
Description  High Performance Narrow-Band Transceiver IC
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADF7021 Fiches technique(HTML) 44 Page - Analog Devices

Back Button ADF7021 Datasheet HTML 40Page - Analog Devices ADF7021 Datasheet HTML 41Page - Analog Devices ADF7021 Datasheet HTML 42Page - Analog Devices ADF7021 Datasheet HTML 43Page - Analog Devices ADF7021 Datasheet HTML 44Page - Analog Devices ADF7021 Datasheet HTML 45Page - Analog Devices ADF7021 Datasheet HTML 46Page - Analog Devices ADF7021 Datasheet HTML 47Page - Analog Devices ADF7021 Datasheet HTML 48Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 64 page
background image
ADF7021
Data Sheet
Rev. B | Page 44 of 64
APPLICATIONS CIRCUIT
The ADF7021 requires very few external components for
operation. Figure 56 shows the recommended application
circuit. Note that the power supply decoupling and regulator
capacitors are omitted for clarity.
For recommended component values, refer to the ADF7021
evaluation board data sheet and AN-915 application note
accessible from the ADF7021 product page. Follow the
reference design schematic closely to ensure optimum
performance in narrow-band applications.
ADF7021
VCOIN
CREG1
VDD1
RFOUT
RFGND
RFIN
RFINB
RLNA
VDD4
RSET
CREG4
GND4
1
2
3
4
5
6
7
8
9
10
11
12
CLKOUT
TxRxDATA
TxRxCLK
SWD
VDD2
CREG2
ADCIN
GND2
SCLK
SREAD
SDATA
SLE
36
35
34
33
32
31
30
29
28
27
26
25
VDD
VDD
VDD
TCXO
VDD
VDD
VDD
ANTENNA
CONNECTION
TO
MICROCONTROLLER
Tx/Rx SIGNAL
INTERFACE
TO
MICROCONTROLLER
CONFIGURATION
INTERFACE
T-STAGE LC
FILTER
MATCHING
LOOP FILTER
CVCO
CAP
EXT VCO L*
REFERENCE
RSET
RESISTOR
RLNA
RESISTOR
CHIP ENABLE
TO MICROCONTROLLER
*PIN 44 AND PIN 46 CAN BE LEFT FLOATING IF EXTERNAL INDUCTOR VCO IS NOT USED.
NOTES
1. PINS [13:18], PINS [20:21], AND PIN 23 ARE TEST PINS AND ARE NOT USED IN NORMAL OPERATION.
Figure 56. Typical Application Circuit (Regulator Capacitors and Power Supply Decoupling Not Shown)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64