Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADDR10 Fiches technique(PDF) 32 Page - List of Unclassifed Manufacturers

No de pièce ADDR10
Description  Figure 1 shows the NS7520 modules. Dashed lines indicate shared pins
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

ADDR10 Fiches technique(HTML) 32 Page - List of Unclassifed Manufacturers

Back Button ADDR10 Datasheet HTML 28Page - List of Unclassifed Manufacturers ADDR10 Datasheet HTML 29Page - List of Unclassifed Manufacturers ADDR10 Datasheet HTML 30Page - List of Unclassifed Manufacturers ADDR10 Datasheet HTML 31Page - List of Unclassifed Manufacturers ADDR10 Datasheet HTML 32Page - List of Unclassifed Manufacturers ADDR10 Datasheet HTML 33Page - List of Unclassifed Manufacturers ADDR10 Datasheet HTML 34Page - List of Unclassifed Manufacturers ADDR10 Datasheet HTML 35Page - List of Unclassifed Manufacturers ADDR10 Datasheet HTML 36Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 68 page
background image
T i mi ng Diag ram s
28
NS 75 20 Da ta shee t
03 /2 00 6
Timing Diagrams
Timing_Specifications
All timing specifications consist of the relationship between a reference clock and a signal:
There are bussed and non–bussed signals. Non–bussed signals separately illustrate 0–to–1
and 1–to–0 transitions.
Inputs have setup/hold times versus clock rising.
Outputs have switching time relative to either clock rising or clock falling.
Note:
Timing relationships in this diagram are drawn without proportion to actual delay.
Hold
Setup time
Valid from rising edge
Valid from falling edge
Hold time
Setup time
1-to-0 from falling edge
0-to-1 from falling edge
1-to-0 from rising edge
0-to-1 from rising edge
Clock
Signal
Bus



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68