| Moteur de recherche de fiches techniques de composants électroniques |
|
ADDR10 Fiches technique(PDF) 17 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
ADDR10 Fiches technique(HTML) 17 Page - List of Unclassifed Manufacturers |
|
17 / 68 page ![]() “ N o c onn ect” p i ns ww w.d i gi .c om 13 “No connect” pins General Purpose I/O Pin Description R13 Tie to VCC P12 Tie to VCC N12 XTALB1: Tie to VCC R15 XTALB2: NO CONNECT M11 NO CONNECT P11 NO CONNECT N11 NO CONNECT R12 NO CONNECT R14 NO CONNECT P13 NO CONNECT GPIO signal Serial signal Other signal Pin I/O OD Serial channel description Other description PORTA7 TXDA J14 U I/O 2 Channel 1 TXD PORTA6 DTRA_ DREQ1_ J13 U I/O 2 Channel 1 DTR_ DMA channel 3/5 Req PORTA5 RTSA_ J15 U I/O 2 Channel 1 RTS_ PORTA4 RXCA/RIA_/ OUT1A_ J12 U I/O 2 Pgm’able Out/ Channel 1 RXCLK/ Channel 1 ring signal/ Channel 1 SPI clock (CLK) PORTA3 RXDA DACK1_ H15 U I/O 2 Channel 1 RXD DMA channel 3/5 ACK PORTA2 DSRA_ AMUX H12 U I/O 2 Channel 1 DSR_ DRAM addr mux PORTA1 CTSA_ DONE1_ (O) H13 U I/O 2 Channel 1 CTS_ DMA channel 3/5 DONE_Out PORTA0 TXCA/ OUT2A_/ DCDA_ DONE1_ (I) G12 U I/O 2 Pgm’able Out/ Channel 1 DCD/ Channel 1 SPI enable (SEL_)/ Channel 1 TXCLK DMA channel 3/5 DONE_In PORTC7 TXDB G13 U I/O 2 Channel 2 TXD GEN interrupt out PORTC6 DTRB_ DREQ2_ G14 U I/O 2 Channel 2 DTR_ DMA Channel 4/6 Req |