| Moteur de recherche de fiches techniques de composants électroniques |
|
ADDR13 Fiches technique(PDF) 64 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
ADDR13 Fiches technique(HTML) 64 Page - List of Unclassifed Manufacturers |
|
64 / 68 page ![]() Ex te r n a l DM A t i mi ng 60 NS 93 60 Da ta shee t 03 /2 00 6 Memory-to-memory external DMA Notes: 1 A null period sometimes occurs between memory cycles. 2 The memory signals are data[31:0], addr[27:0], BE[3:0], CS/RAS[4:0], CAS[3:0], RW, OE*. WE*, and PORTA2/AMUX. The timing of these signals depends on how the memory is configured (Sync SRAM, Async SRAM, FP DRAM, or SDRAM). T1 TW T2 Note-1 T1 TW T2 75 75 75 75 72 72 72 72 71 70 71 70 BCLK Mem signals (Note-2) R/W DREQ* DACK* DONE* (output) |