Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADDR13 Fiches technique(PDF) 29 Page - List of Unclassifed Manufacturers

No de pièce ADDR13
Description  Figure 1 shows the NS7520 modules. Dashed lines indicate shared pins
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

ADDR13 Fiches technique(HTML) 29 Page - List of Unclassifed Manufacturers

Back Button ADDR13 Datasheet HTML 25Page - List of Unclassifed Manufacturers ADDR13 Datasheet HTML 26Page - List of Unclassifed Manufacturers ADDR13 Datasheet HTML 27Page - List of Unclassifed Manufacturers ADDR13 Datasheet HTML 28Page - List of Unclassifed Manufacturers ADDR13 Datasheet HTML 29Page - List of Unclassifed Manufacturers ADDR13 Datasheet HTML 30Page - List of Unclassifed Manufacturers ADDR13 Datasheet HTML 31Page - List of Unclassifed Manufacturers ADDR13 Datasheet HTML 32Page - List of Unclassifed Manufacturers ADDR13 Datasheet HTML 33Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 68 page
background image
AC c h aracteristics
ww w.d i gi .c om
25
Figure 6: Internal pulldown characteristics
AC characteristics
AC electrical specifications define the timing relationship between signals for interfaces and modes
within a given interface.
AC electrical specifications
The AC electrical specifications are based on the system configuration shown in Figure 7, with a
5pF allowance for PCB capacitance and a 0.25 ns allowance for PCB delay. The timing of the
buffers, SDRAM, and the like must be added to complete timing analysis. In systems where SDRAM is
not used, two devices are expected to replace the SDRAMs shown in Figure 7; that is, they are tied
directly to the chip. System loading information is shown in Table 7: "System loading details" on
page 26.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68