| Moteur de recherche de fiches techniques de composants électroniques |
|
SA150 Fiches technique(PDF) 2 Page - EIC discrete Semiconductors |
|
|
|||||||||||||||||||||||||||||
SA150 Fiches technique(HTML) 2 Page - EIC discrete Semiconductors |
|
2 / 4 page ![]() ELECTRICAL CHARACTERISTICS Rating at = 25 °C ambient temperature unless otherwise specified Breakdown Voltage @ It Working Peak Maximum Maximum Maximum Maximum ( Note 1 ) Reverse Reverse Leakage Reverse Clamping Voltage TYPE Voltage @ VRWM Current Voltage @ IRSM Temperature VBR (V) It VRWM IR IRSM VRSM Variation of VBR Min. Max. (mA) (V) ( µA) (A) (V) (mV / °C) SA5.0 6.40 7.3 10 5.0 600 52.0 9.6 5.0 SA5.0A 6.40 7.0 10 5.0 600 54.3 9.2 5.0 SA6.0 6.67 8.15 10 6.0 600 43.9 11.4 5.0 SA6.0A 6.67 7.37 10 6.0 600 48.5 10.3 5.0 SA6.5 7.22 8.82 10 6.5 400 40.7 12.3 5.0 SA6.5A 7.22 7.98 10 6.5 400 44.7 11.2 5.0 SA7.0 7.78 9.51 10 7.0 150 37.8 13.3 6.0 SA7.0A 7.78 8.60 10 7.0 150 41.7 12.0 6.0 SA7.5 8.33 10.2 1.0 7.5 50 35.0 14.3 7.0 SA7.5A 8.33 9.21 1.0 7.5 50 38.8 12.9 7.0 SA8.0 8.89 10.9 1.0 8.0 25 33.3 15.0 7.0 SA8.0A 8.89 9.83 1.0 8.0 25 36.7 13.6 7.0 SA8.5 9.44 11.5 1.0 8.5 5.0 31.4 15.9 8.0 SA8.5A 9.44 10.4 1.0 8.5 5.0 34.7 14.4 8.0 SA9.0 10.0 12.2 1.0 9.0 1.0 29.5 16.9 9.0 SA9.0A 10.0 11.1 1.0 9.0 1.0 32.5 15.4 9.0 SA10 11.1 13.6 1.0 10.0 1.0 26.6 18.8 10.0 SA10A 11.1 12.3 1.0 10.0 1.0 29.4 17.0 10.0 SA11 12.2 14.9 1.0 11.0 1.0 24.9 20.1 11.0 SA11A 12.2 13.5 1.0 11.0 1.0 27.4 18.2 11.0 SA12 13.3 16.3 1.0 12.0 1.0 22.7 22.0 12.0 SA12A 13.3 14.7 1.0 12.0 1.0 25.1 19.9 12.0 SA13 14.4 17.6 1.0 13.0 1.0 21.0 23.8 13.0 SA13A 14.4 15.9 1.0 13.0 1.0 23.2 21.5 13.0 SA14 15.6 19.1 1.0 14.0 1.0 19.4 25.8 14.0 SA14A 15.6 17.2 1.0 14.0 1.0 21.5 23.2 14.0 SA15 16.7 20.4 1.0 15.0 1.0 18.8 26.9 16.0 SA15A 16.7 18.5 1.0 15.0 1.0 20.6 24.4 16.0 SA16 17.8 21.8 1.0 16.0 1.0 17.6 28.8 19.0 SA16A 17.8 19.7 1.0 16.0 1.0 19.2 26.0 17.0 SA17 18.9 23.1 1.0 17.0 1.0 16.4 30.5 20.0 SA17A 18.9 20.9 1.0 17.0 1.0 18.1 27.6 19.0 SA18 20.0 24.4 1.0 18.0 1.0 15.5 32.2 21.0 SA18A 20.0 22.1 1.0 18.0 1.0 17.2 29.2 20.0 SA20 22.2 27.1 1.0 20.0 1.0 13.9 35.8 25.0 SA20A 22.2 24.5 1.0 20.0 1.0 15.4 32.4 23.0 SA22 24.4 29.8 1.0 22.0 1.0 12.7 39.4 28.0 SA22A 24.4 26.9 1.0 22.0 1.0 14.1 35.5 25.0 SA24 26.7 32.6 1.0 24.0 1.0 11.6 43.0 31.0 SA24A 26.7 29.5 1.0 24.0 1.0 12.8 38.9 28.0 SA26 28.9 35.3 1.0 26.0 1.0 10.7 46.6 31.0 SA26A 28.9 31.9 1.0 26.0 1.0 11.9 42.1 30.0 SA28 31.1 38.0 1.0 28.0 1.0 9.9 50.0 35.0 SA28A 31.1 34.4 1.0 28.0 1.0 11.0 45.4 31.0 SA30 33.3 40.7 1.0 30.0 1.0 9.3 53.5 39.0 SA30A 33.3 36.8 1.0 30.0 1.0 10.3 48.4 36.0 SA33 36.7 44.9 1.0 33.0 1.0 8.5 59.0 42.0 SA33A 36.7 40.6 1.0 33.0 1.0 9.4 53.3 39.0 |