| Moteur de recherche de fiches techniques de composants électroniques |
|
SA150 Fiches technique(PDF) 3 Page - EIC discrete Semiconductors |
|
|
|||||||||||||||||||||||||||||
SA150 Fiches technique(HTML) 3 Page - EIC discrete Semiconductors |
|
3 / 4 page ![]() ELECTRICAL CHARACTERISTICS Rating at = 25 °C ambient temperature unless otherwise specified Breakdown Voltage @ It Working Peak Maximum Maximum Maximum Maximum ( Note 1 ) Reverse Reverse Leakage Reverse Clamping Voltage TYPE Voltage @ VRWM Current Voltage @ IRSM Temperature VBR (V) It VRWM IR IRSM VRSM Variation of VBR Min. Max. (mA) (V) ( µA) (A) (V) (mV / °C) SA36 40.0 48.9 1.0 36.0 1.0 7.8 64.3 46.0 SA36A 40.0 44.2 1.0 36.0 1.0 8.6 58.1 41.0 SA40 44.4 54.3 1.0 40.0 1.0 7.0 71.4 51.0 SA40A 44.4 49.1 1.0 40.0 1.0 7.8 64.5 46.0 SA43 47.8 58.4 1.0 43.0 1.0 6.5 76.7 55.0 SA43A 47.8 52.8 1.0 43.0 1.0 7.2 69.4 50.0 SA45 50.0 61.1 1.0 45.0 1.0 6.2 80.3 58.0 SA45A 50.0 55.3 1.0 45.0 1.0 6.9 72.7 52.0 SA48 53.3 65.1 1.0 48.0 1.0 5.8 85.5 63.0 SA48A 53.3 58.9 1.0 48.0 1.0 6.5 77.4 56.0 SA51 56.7 69.3 1.0 51.0 1.0 5.5 91.1 66.0 SA51A 56.7 62.7 1.0 51.0 1.0 6.1 82.4 61.0 SA54 60.0 73.3 1.0 54.0 1.0 5.2 96.3 71.0 SA54A 60.0 66.3 1.0 54.0 1.0 5.7 87.1 65.0 SA58 64.4 78.7 1.0 58.0 1.0 4.9 103 78.0 SA58A 64.4 71.2 1.0 58.0 1.0 5.3 93.6 70.0 SA60 66.7 81.5 1.0 60.0 1.0 4.7 107 80.0 SA60A 66.7 73.7 1.0 60.0 1.0 5.2 96.8 71.0 SA64 71.1 86.9 1.0 64.0 1.0 4.4 114 86.0 SA64A 71.1 78.6 1.0 64.0 1.0 4.9 103 76.0 SA70 77.8 95.1 1.0 70.0 1.0 4.0 125 94.0 SA70A 77.8 86.0 1.0 70.0 1.0 4.4 113 85.0 SA75 83.3 102 1.0 75.0 1.0 3.7 134 101 SA75A 83.3 92.1 1.0 75.0 1.0 4.1 121 91.0 SA78 86.7 106 1.0 78.0 1.0 3.6 139 105 SA78A 86.7 95.8 1.0 78.0 1.0 4.0 126 95.0 SA85 94.4 115 1.0 85.0 1.0 3.3 151 114 SA85A 94.4 104 1.0 85.0 1.0 3.6 137 103 SA90 100 122 1.0 90.0 1.0 3.1 160 121 SA90A 100 111 1.0 90.0 1.0 3.4 146 110 SA100 111 136 1.0 100 1.0 2.8 179 135 SA100A 111 123 1.0 100 1.0 3.1 162 123 SA110 122 149 1.0 110 1.0 2.6 196 148 SA110A 122 135 1.0 110 1.0 2.8 177 133 SA120 133 163 1.0 120 1.0 2.3 214 162 SA120A 133 147 1.0 120 1.0 2 193 146 SA130 144 176 1.0 130 1.0 2.2 231 175 SA130A 144 159 1.0 130 1.0 2.4 209 158 SA150 167 204 1.0 150 1.0 1.9 268 203 SA150A 167 185 1.0 150 1.0 2.1 243 184 SA160 178 218 1.0 160 1.0 1.7 287 217 SA160A 178 197 1.0 160 1.0 1.9 259 196 SA170 189 231 1.0 170 1.0 1.6 304 230 SA170A 189 209 1.0 170 1.0 1.8 275 208 Note: ( 1 ) VBR measured after It applied for 300 µs., It = square wave pulse or equivalent. ( 2 ) VF = 3.5 Vmax., IF = 35 Amps. ( 6.8 Volts thru 91 Volts ) VF = 5.0 Vmax., IF = 35 Amps. ( 150 Volts thru 200 Volts ) per 1/2 square or equivalent sine wave. PW = 8.3 ms, duty cycle = 4 pulses per minute maximum. |