Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

QS186EB Fiches technique(PDF) 9 Page - List of Unclassifed Manufacturers

No de pièce QS186EB
Description  Miniature self-contained photoelectric sensors in universal housing
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

QS186EB Fiches technique(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button QS186EB Datasheet HTML 2Page - List of Unclassifed Manufacturers QS186EB Datasheet HTML 3Page - List of Unclassifed Manufacturers QS186EB Datasheet HTML 4Page - List of Unclassifed Manufacturers QS186EB Datasheet HTML 5Page - List of Unclassifed Manufacturers QS186EB Datasheet HTML 6Page - List of Unclassifed Manufacturers QS186EB Datasheet HTML 7Page - List of Unclassifed Manufacturers QS186EB Datasheet HTML 8Page - List of Unclassifed Manufacturers QS186EB Datasheet HTML 9Page - List of Unclassifed Manufacturers QS186EB Datasheet HTML 10Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
Accessories
Cordsets
4-Pin Threaded M12/Euro-Style Cordsets
Model
Length
Style
Dimensions
Pinout
MQDC-406
1.83 m (6 ft)
Straight
44 Typ.
ø 14.5
M12 x 1
2
3
4
1
1 = Brown
2 = White
3 = Blue
4 = Black
MQDC-415
4.57 m (15 ft)
MQDC-430
9.14 m (30 ft)
MQDC-450
15.2 m (50 ft)
MQDC-406RA
1.83 m (6 ft)
Right-Angle
32 Typ.
[1.26"]
30 Typ.
[1.18"]
ø 14.5 [0.57"]
M12 x 1
MQDC-415RA
4.57 m (15 ft)
MQDC-430RA
9.14 m (30 ft)
MQDC-450RA
15.2 m (50 ft)
4-Pin Snap-on M8/Pico-Style Cordsets
Model
Length
Style
Dimensions
Pinout
PKG4-2
2.00 m (6.56 ft) Straight
ø 9.0
32 Typ.
4
3
1
2
1 = Brown
2 = White
3 = Blue
4 = Black
PKW4Z-2
2.00 m (6.56 ft) Right-Angle
ø 10.9
29 Typ.
15 Typ.
WORLD-BEAM QS18 Brackets
All measurements are in millimeters.
SMB18A
• Right-angle mounting
bracket with a curved slot
for versatile orientation
• 12-ga. stainless steel
• 18 mm sensor mounting
hole
• Clearance for M4 (#8)
hardware
30
41
46
A
B
C
SMB312S
• Stainless steel 2-axis,
side-mount bracket
46
B
C
A
32
20
A = 4.3 x 7.5, B = diam. 3, C =
3 x 15.3
WORLD-BEAM QS18
P/N 63908 Rev. H
www.bannerengineering.com - tel: 763-544-3164
9



Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com